Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM36523S Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM36523S
Description  300mA, Micropower, VLDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM36523S Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM36523S Datasheet HTML 1Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 2Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 3Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 4Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 5Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 6Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 7Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 8Page - Union Semiconductor, Inc. UM36523S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
2/10
UM365xx
Ordering Information
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM36512S
1.2V
SOT23-3
52D
3000pcs/7Inch
Tape & Reel
UM36513S
1.3V
52E
UM36514S
1.4V
52H
UM36515S
1.5V
52J
UM36516S
1.6V
52L
UM36517S
1.7V
52M
UM36518S
1.8V
52K
UM36519S
1.9V
52F
UM36520S
2.0V
52B
UM36521S
2.1V
52A
UM36522S
2.2V
U2C
UM36523S
2.3V
U23
UM36524S
2.4V
U24
UM36525S
2.5V
52N
UM36526S
2.6V
U26
UM36527S
2.7V
52P
UM36528S
2.8V
52Q
UM36529S
2.9V
U29
UM36530S
3.0V
52R
UM36531S
3.1V
52S
UM36532S
3.2V
52T
UM36533S
3.3V
53U
UM36534S
3.4V
52Y
UM36535S
3.5V
53Z
UM36536S
3.6V
54L
UM36537S
3.7V
U47
UM36538S
3.8V
54K
UM36539S
3.9V
U49
UM36540S
4.0V
54R
UM36541S
4.1V
54A
UM36542S
4.2V
U4D
UM36543S
4.3V
U4E
UM36544S
4.4V
U44
UM36545S
4.5V
54J
UM36546S
4.6V
54N
UM36547S
4.7V
54P
UM36548S
4.8V
54Q
UM36549S
4.9V
54H
UM36550S
5.0V
U4F


Similar Part No. - UM36523S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM36525S UNIONSEMI-UM36525S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36527S UNIONSEMI-UM36527S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36528S UNIONSEMI-UM36528S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM36523S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com