Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM37516S Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM37516S
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37516S Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM37516S Datasheet HTML 1Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 2Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 3Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 4Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 5Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 6Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 7Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 8Page - Union Semiconductor, Inc. UM37516S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Dec.2014
4/12
UM375xx
Ordering Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM37512P
1.2V
SOT353
VL2
3000pcs/7Inch
Tape & Reel
UM37513P
1.3V
VL3
UM37514P
1.4V
VL4
UM37515P
1.5V
VL5
UM37516P
1.6V
VL6
UM37517P
1.7V
VL7
UM37518P
1.8V
VL8
UM37519P
1.9V
VL9
UM37520P
2.0V
VLA
UM37521P
2.1V
VM1
UM37522P
2.2V
VM2
UM37523P
2.3V
VM3
UM37524P
2.4V
VM4
UM37525P
2.5V
VM5
UM37526P
2.6V
VM6
UM37527P
2.7V
VM7
UM37528P
2.8V
VM8
UM37529P
2.9V
VM9
UM37530P
3.0V
VMA
UM37531P
3.1V
VJ1
UM37532P
3.2V
VJ2
UM37533P
3.3V
VJ3
UM37534P
3.4V
VJ4
UM37535P
3.5V
VJ5
UM37536P
3.6V
VJ6
UM37537P
3.7V
VJ7
UM37538P
3.8V
VJ8
UM37539P
3.9V
VJ9
UM37540P
4.0V
VJA
UM37541P
4.1V
VT1
UM37542P
4.2V
VT2
UM37543P
4.3V
VT3
UM37544P
4.4V
VT4
UM37545P
4.5V
VT5
UM37546P
4.6V
VT6
UM37547P
4.7V
VT7
UM37548P
4.8V
VT8
UM37549P
4.9V
VT9
UM37550P
5.0V
VTA


Similar Part No. - UM37516S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37516S UNIONSEMI-UM37516S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37516S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com