Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM15327S Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM15327S
Description  Ultra Low Quiescent Current Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15327S Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM15327S Datasheet HTML 2Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 3Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 4Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 5Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 6Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 7Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 8Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 9Page - Union Semiconductor, Inc. UM15327S Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
6/19
UM153xx/UM154xx
Available Voltage Version (Continued)
Part Number
Output Voltage
Marking Code
Package
Shipping Qty
UM15413DA
1.3V
AG2
DFN6 2.0×2.0
3000pcs/7Inch
Tape & Reel
UM15415DA
1.5V
AG3
DFN6 2.0×2.0
UM15418DA
1.8V
AG4
DFN6 2.0×2.0
UM15425DA
2.5V
AG5
DFN6 2.0×2.0
UM15427DA
2.7V
AG6
DFN6 2.0×2.0
UM15428DA
2.8V
AG7
DFN6 2.0×2.0
UM15430DA
3.0V
AG8
DFN6 2.0×2.0
UM15433DA
3.3V
AG9
DFN6 2.0×2.0
UM15435DA
3.5V
AGA
DFN6 2.0×2.0
UM15436DA
3.6V
AGB
DFN6 2.0×2.0
UM15438DA
3.8V
AGC
DFN6 2.0×2.0
UM15440DA
4.0V
AGD
DFN6 2.0×2.0
UM15442DA
4.2V
AGE
DFN6 2.0×2.0
UM15443DA
4.3V
AGF
DFN6 2.0×2.0
UM15445DA
4.5V
AGG
DFN6 2.0×2.0
UM15447DA
4.7V
AGH
DFN6 2.0×2.0
UM15448DA
4.8V
AGJ
DFN6 2.0×2.0
UM15450DA
5.0V
AGK
DFN6 2.0×2.0


Similar Part No. - UM15327S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15327S UNIONSEMI-UM15327S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15327S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com