Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

026TA32F501A2A1 Datasheet(PDF) 4 Page - CTS Corporation

Part # 026TA32F501A2A1
Description  Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

026TA32F501A2A1 Datasheet(HTML) 4 Page - CTS Corporation

  026TA32F501A2A1 Datasheet HTML 1Page - CTS Corporation 026TA32F501A2A1 Datasheet HTML 2Page - CTS Corporation 026TA32F501A2A1 Datasheet HTML 3Page - CTS Corporation 026TA32F501A2A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RESIST TOL
A - ±10%
B - ±20%
METAL MOUNTING
BUSHING LENGTH:
1/8" INCREMENTS
EXAMPLES:
2 - .250"(6.35mm)
3 - .375"(9.53mm)
8 - 1.000"(25.4mm)
1 - TWIST TAB
MOUNT
A - .250"(6.35mm)
DIECAST
B - .375"(9.53mm)
DIECAST
METAL SHAFT LENGTH “L”
FROM MOUNTING SURFACE
1/32"INCREMENTS
EXAMPLES:
20 - .625"(6.35mm)
24 - .750"(19.5mm)
28 - .875"(22.2mm)
32 - 1.000"(25.4mm)
TERMINAL STYLE
T - SOLDER LUG
X - PC .687”(17.5mm)
U - FORMED
TO FRONT
V - FORMED
TO REAR
Ordering Information
026
T
2
20
R
103 B
1
A
1
SHAFT TRIM
R - ROUND
F - FLATTED .375"X.156"
(9.53mmX4.0mm)
K - KNURLED
S - SD SLOT .063" DEEP
X.047" WIDE
(1.6mmX1.2mm)
TAPER
1 - LINEAR
2 - 20%AUD
3 - 20%CCW AUD
SPECIALS
2 - LOCATING LUG
RIGHT SIDE
3 - NO LOCATING LUG
LOCATING
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
SWITCHES
FUNCTION
CTS TYPE CURRENT RATING
A - NONE
B - SPST
ROTARY
TGC
6AMP @ 125VAC
C - DPST
ROTARY
027
3AMP @ 125VAC
D - SPDT
ROTARY
028
3AMP @ 125VAC
E - SPST
PULL-PUSH
FR-K
3AMP @ 125VAC
F - SPST
ROTARY
FR-GC
3AMP @ 125VAC
5A0
5 OHMS
1 - LOCATING LUG
LEFT SIDE
5 - LOCATING LUG
BOTH SIDE
D - ±5%
1AMP @ 250VAC
1AMP @ 250VAC/DC
.080±.002
.031±.002
7.92(2)±0.05
2.03±0.05
.875
22.2
MTG. SUR FACE
11.9
±.031
±0.8
.469
CENT.
.156
3.96
CENT.
.328
8.33
.832
21.1
MIN.
.925
23.5
MAX.
MOUNTING HOLE DETAIL
.062
1.57
PCB LAYOUT
.082±.002
Ø2.08±0.05
10.41
1.57
.062
10.41
.410
.410
4.17
CLEARANCE HOLE
.164
VPE026 Metal Shaft, Twist TAB Mounting, Type “V” Formed Terminals
DIMENSION: mm
inch
Y - PC .867”(22.0mm)
MAX
CENT
STYLE “A”
EIA S148 24 TEETH
“L”
S - FASTON
4 - 4
© 2009 CTS Corporation. All rights reserved. Information subject to change.
12/10/09
CTS Electrocomponents
www.ctscorp.com
23.0
MTG. SURFACE
TERMINAL HOLES Ø2.18/.086
2
5
6
3
4
1
(P)
(R)
DIMENSION: mm
inch
.437
11.1
22.2
±.031
"L" ±0.8
.875
.125
3.18
±.003 ±.003
.062±.003
.082±.003
2.08±0.08
1.57±0.08
.062±.003
1.57±0.08
CLEARANCE HOLE
.410
10.41
±0.08
.410
10.41
±0.08
.164±.003
4.16±0.08
MAX.
MOUNTING HOLE DETAIL
"A" ±.016
±0.4
3/8-32 UNEF-2
.906
T2-026 Dual-section, Metal Shaft, Bushing Mounting, Type “T” Solder Lug Terminals
* More multi-section models available, consult CTS for details
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
1
2
3
WIPER
WIPER
5
6
4
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
.250
6.35
.250
6.35
* Refer to series 450 data sheet for power switch detal


Similar Part No. - 026TA32F501A2A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T120F102A1A CTS-026T120F102A1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102A1D CTS-026T120F102A1D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102A2A CTS-026T120F102A2A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102A2D CTS-026T120F102A2D Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
026T120F102B1A CTS-026T120F102B1A Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
More results

Similar Description - 026TA32F501A2A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
Bi technologies
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
   3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com