Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450T224S501B3A1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 450T224S501B3A1
Description  Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450T224S501B3A1 Datasheet(HTML) 2 Page - CTS Corporation

  450T224S501B3A1 Datasheet HTML 1Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 2Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 3Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 4Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 5Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 6Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 7Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 8Page - CTS Corporation 450T224S501B3A1 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TGC
SPST
6 amps @ 125 volts AC
Rotary
UL & CSA Recognized
Actuating Angle – 20˚
Actuating Torque – 7 to 17 in. oz.
(504 to 1225 gf-cm)
FR-GC
SPST
3 amps @ 125 volts,
Rotary
1 amp @ 250 volts AC
UL Recognized
GC
SPST
5 amps @ 20 volts DC
Rotary
(Automotive)
Actuating Angle – 20˚
Actuating Torque – 7 to 17 in. oz.
(504 to 1225 gf-cm)
Contact
Series
Arrangement
Electrical Rating
Outline Drawing
DIMENSION:
mm
inch
OPTIONAL POWER SWITCHES
HOLES 2.39/.094x3.18/.125
SWITCH TERMINAL
.515
6.7
Ø23.4
13.1
.250
6.4
.265
.921
Ø23.4
.921
.515
13.1
SWITCH TERMINAL
HOLES 2.39/.094x3.18/.125
6.4
.250
6.7
.265
SWITCH TERMINAL
13.1
.515
6.4
.250
6.7
.265
Ø23.4
.921
HOLES 2.39/.094x3.18/.125
TV-023
SPST
TV-5 rating
Actuating Angle – 20˚
Actuating Torque – 10 to 20 in. oz.
(720 to 1441 gf-cm)
DIMENSION:
mm
inch
DIMENSION:
mm
inch
Rotary
UL & CSA Recognized
2 - 9
CTS Electrocomponents
www.ctscorp.com
04/29/15
© 2015 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 450T224S501B3A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results

Similar Description - 450T224S501B3A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com