Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A291MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6204A291MR
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A291MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6204A291MR Datasheet HTML 1Page - Torex Semiconductor XC6204A291MR Datasheet HTML 2Page - Torex Semiconductor XC6204A291MR Datasheet HTML 3Page - Torex Semiconductor XC6204A291MR Datasheet HTML 4Page - Torex Semiconductor XC6204A291MR Datasheet HTML 5Page - Torex Semiconductor XC6204A291MR Datasheet HTML 6Page - Torex Semiconductor XC6204A291MR Datasheet HTML 7Page - Torex Semiconductor XC6204A291MR Datasheet HTML 8Page - Torex Semiconductor XC6204A291MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
XC6204 Series
260
3
■Marking
GSOT-25
DESIGNATOR
PRODUCT NAME
4
XC6204***M*
q Represents the product name
w Represents the type of regulator
Voltage =0.1∼3.0V
V
Voltage=3.1∼6.0V
Voltage=3.15∼6.05V
DESIGNATOR
XC6204A***M*
XC6204D***M*
PRODUCT NAME
L
P
Voltage=0.15∼3.05V
E
K
Output Voltage 100mV step
Output Voltage 50mV step
A
D
Z
XC6204C***M*
N
H
C
Y
XC6204B***M*
M
F
B
X
r Denotes the production lot number
0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
e Represents the output voltage
0
E
DESIGNATOR
4
3
2
1
D
C
B
A
9
8
7
6
5
Output Voltage(V)
F
Z
DESIGNATOR
M
L
K
H
Y
X
V
U
T
S
R
P
N
1.6
3.0
2.0
1.9
1.8
1.7
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
4.6
6.0
5.9
5.8
5.7
5.6
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
Output Voltage(V)
3.1
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.15
4.55
4.45
4.35
4.25
4.15
4.05
3.95
3.85
3.75
3.65
3.55
3.45
3.35
3.25
1.65
3.05
2.05
1.95
1.85
1.75
2.95
2.85
2.75
2.65
2.55
2.45
2.35
2.25
2.15
4.65
6.05
5.95
5.85
5.75
5.65
5.55
5.45
5.35
5.25
5.15
5.05
4.95
4.85
4.75
SOT-25
(TOP VIEW)
q w e r
03S_04XC6204 02.9.12 2:57 PM ページ 260


Similar Part No. - XC6204A291MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204A292DL TOREX-XC6204A292DL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A292DR TOREX-XC6204A292DR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A292ML TOREX-XC6204A292ML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A292MR TOREX-XC6204A292MR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A292PL TOREX-XC6204A292PL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204A291MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com