Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM5204EEBF Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM5204EEBF
Description  Quad Channel Low Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM5204EEBF Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM5204EEBF Datasheet HTML 1Page - Union Semiconductor, Inc. UM5204EEBF Datasheet HTML 2Page - Union Semiconductor, Inc. UM5204EEBF Datasheet HTML 3Page - Union Semiconductor, Inc. UM5204EEBF Datasheet HTML 4Page - Union Semiconductor, Inc. UM5204EEBF Datasheet HTML 5Page - Union Semiconductor, Inc. UM5204EEBF Datasheet HTML 6Page - Union Semiconductor, Inc. UM5204EEBF Datasheet HTML 7Page - Union Semiconductor, Inc. UM5204EEBF Datasheet HTML 8Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.04 Dec.2014
3/8
UM5204EEXF
Typical Operating Characteristics
0.1
1
10
100
1000
0.01
0.1
1
10
Pulse Duration – tp (µs)
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
1
2
3
4
5
6
0
2
4
6
8
Forward Current – IF (A)
Waveform
Parameters:
tr=8μs
td=20μs
Forward Voltage vs. Forward Current
0
25
50
75
100
125
150
0
20
40
60
80
100
Ambient Temperature - TA( )
Power Derating Curve
10
30
50
70
90
110
0
5
10
15
20
25
30
0
20
40
60
80
100
Time (µs)
Pulse Waveform
10
30
50
70
90
110
Waveform
Parameters:
tr=8μs
td=20μs
e
-t
td=IPP/2
0
1
2
3
4
5
6
8
12
16
20
24
28
Peak Pulse Current – Ipp (A)
Waveform
Parameters:
tr=8μs
td=20μs
Clamping Voltage vs. Peak Pulse Current
Pin 1, 3, 4, 6 to
Pin 2
Pin 5 to Pin 2
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Reverse Voltage – VR (V)
Junction Capacitance vs. Reverse Voltage
3
f=1MHz
Any I/O Pin
to Pin2


Similar Part No. - UM5204EEBF

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EEBF UNIONSEMI-UM5204EEBF Datasheet
393Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
More results

Similar Description - UM5204EEBF

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204_16 Datasheet
314Kb / 11P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304 UNIONSEMI-UM5304 Datasheet
334Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204 Datasheet
393Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EECE UNIONSEMI-UM5204EECE Datasheet
186Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com