Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2095-300-CLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2095-300-CLF
Description  High Voltage 2-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2095-300-CLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2095-300-CLF Datasheet HTML 1Page - Bourns Electronic Solutions 2095-300-CLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in
different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2095 Series High Voltage 2-Electrode Gas Discharge Tube
REV. D 08/15
Product Dimensions
8.0 +0.3/-0.5
(.315 + .012/-.020)
DIA.
8.0 +0.6/-0.1
(.315 +.024/-.004)
10.0 +0.6/-0.1
(.394 +.024/-.004)
MODELS
2095-500 & 2095-600
MODELS
2095-80 THRU 2095-450
OR
20
(0.78)
LONG
2 PLCS.
MIN.
2095-xxx-B
MODELS
2095-80
THRU 2095-450
MODELS
2095-500
& 2095-600
2095-xxx-C
0.8 ± 0.05
(.031 ± .002)
DIA.
1.0 ± 0.05
(.039 ± .002)
DIA.
OR
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
Model 2095 ships standard bulk, 100 pcs. per tray; 5 trays per box (500 units). The optional reelpack (-BT1) contains 500 pcs. per reel;
2 reels per box (1K units).
How to Order
2095 - xxx - B T1 LF
Model Number Designator
Voltage (Divided by 10)
80 = 800 V
250 = 2500 V
450 = 4500 V
100 = 1000 V
270 = 2700 V
500 = 5000 V
140 = 1400 V
300 = 3000 V
600 = 6000 V
160 = 1600 V
350 = 3500 V
200 = 2000 V
400 = 4000 V
Leads
B = 0.8 mm (Available only for Models 2095-80 thru 2095-450)
C = 1.0 mm (Available only for Models 2095-500 & 2095-600)
Packaging
(Blank) = Bulk Packaging (Standard)
T1 = Reelpack (Optional)
RoHS Compliancy
LF = RoHS Compliant Product
8.0 + 1.4
(.315 + .055)
MAX.
10.0 + 1.4
(.394 + .055)
MAX.
10.0 ± 0.5
(.394 ± .020)
52 ± 2
(2.047 ± .079)
64 ± 3
(2.520 ± .118)
MODELS
2095-500 & 2095-600
MODELS
2095-80 THRU 2095-450
OR
330 ± 4.0
(12.992 ± .157)
DIA.
1.5
(.059)
TYP.
TYP.
TYP.
100.0
(3.937)
68.0
(2.677)
DIMENSIONS:
MM
(INCHES)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2095-300-CLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2095-300-BT1LF BOURNS-2095-300-BT1LF Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
More results

Similar Description - 2095-300-CLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2097-100 BOURNS-2097-100 Datasheet
164Kb / 2P
   High-Voltage 2-Electrode Gas Discharge Tube
2093 BOURNS-2093 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2089-100 BOURNS-2089-100 Datasheet
341Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com