Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2027-20-CT1 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2027-20-CT1
Description  2-Pole Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2027-20-CT1 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2027-20-CT1 Datasheet HTML 1Page - Bourns Electronic Solutions 2027-20-CT1 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2027 Series - 2-Pole Gas Discharge Tube
Product Dimensions
REV. 08/15
2027-XX-A
How to Order
2027 - xx - x nn T1 LF
Model Number Designator
Voltage (Divided by 10)
07 = 75 V
30 = 300 V
09 = 90 V
35 = 350 V
15 = 150 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Leads
A = None
B = 0.8 mm
C = 1 mm
Lead Shape
(See Product Dimension Drawings)
Packaging
Blank = Bulk Packaging (Standard)
T1 =
Reelpack (Optional - not available for Models 2027-xx-B19
and 2027-xx-B10/C10)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
2027-XX-B19 — 0.8 ± 0.04 mm (0.032 ± 0.002 in.) dia. lead wire
(Not available in reelpack)
2027-XX-B — 0.8 ± .04 mm (0.032 ± 0.002 in.) dia. lead wire
2027-XX-C — 1.0 ± .04 mm (0.039 ± 0.002 in.) dia. lead wire
6.0 ± 0.3
(.236 ± .012)
8.0 ± 0.4
(.314 ± .016)
DIA.
2.5 ± 0.25
(.098 ± .010)
DIA.
16.8 ± 0.4
(.661 ± .016)
6.4 ± 0.4
(.252 ± .016)
14.0 ± 0.4
(.551 ± .016)
12.7 ± 0.5
(.500 ± .020)
66.0 ± 0.3
(2.60 ± 0.012)
30.5 ± 0.4
(1.20 ± .016)
2 PLCS.
LONG
MIN.
2027-XX-B10 — 0.8 ± .04 mm (0.032 ± 0.002 in.) dia. lead wire
2027-XX-C10 — 1.0 ± .04 mm (0.039 ± 0.002 in.) dia. lead wire
(Not available in reelpack)
8.1 ± 0.3
(.319 ± .012)
2.0 ± 0.3
(.079 ± .012)
1.5 ± 0.3
(.059 ± .012)
12.7 ± 0.3
(.500 ± .012)
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
2027-XX-BT1 — 0.8 ± 0.04 mm (0.032 ± 0.002 in.) dia. lead wire
Reel is 14 “ in diameter and 2.75 “ wide.
52.4 ± 0.5
(2.1 ± .020)
10.0 ± 0.5
(0.4 ± .020)
Model
Standard Packaging Quantity
Bulk (Bag)
Tray
Box
Reel
2027-XX-A
250
1000
2027-XX-B
100
500
2027-XX-C
100
500
2027-XX-B10
100
900
2027-XX-C10
100
900
2027-XX-B19
100
500
2027-XX-C19
100
500
2027-XX-BT1
1000
2027-XX-CT1
1000


Similar Part No. - 2027-20-CT1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-20-SM BOURNS-2027-20-SM Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2027-20-SM BOURNS-2027-20-SM Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2027-20-SM-LF BOURNS-2027-20-SM-LF Datasheet
187Kb / 2P
   2027-xx-SM Precision Gas Discharge Tube Surge Protector
2027-20-SM-LF BOURNS-2027-20-SM-LF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2027-20-SM-RP BOURNS-2027-20-SM-RP Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2027-20-CT1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF Datasheet
236Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2027-42-ALF BOURNS-2027-42-ALF Datasheet
257Kb / 2P
   2027 Series - 2-Pole Gas Discharge Tube
2026-07 BOURNS-2026-07_15 Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2035-09-B5LF BOURNS-2035-09-B5LF Datasheet
323Kb / 2P
   2035/2037 Series - Miniature 2-Pole Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com