Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U86G-W-460-12-HB3DC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # D1U86G-W-460-12-HB3DC
Description  86mm 1U Front End AC-DC Power Supply Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86G-W-460-12-HB3DC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  D1U86G-W-460-12-HB3DC Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB3DC Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB3DC Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB3DC Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB3DC Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D1U86G-W-460-12-HxxDC Series
86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HxxDC.A03 Page 2 of 5
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Rise Monotonicity
No voltage excursion
Startup Time
AC ramp up
1.5
s
Transient Response
12V, 50% load step, 0.5A/μs di/dt
300
mV
12VSB, 50% load step, 0.5A/μs di/dt
600
Current sharing accuracy (up to 8 in parallel)
At 100% load
±10
%
Hot Swap Transients
All outputs remain in regulation
5
%
Holdup Time
10
ms
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
-40
70
°C
Operating Temperature Range
050
Operating Humidity
Noncondensing
5
90
%
Storage Humidity
595
Altitude (without derating at 40°C)
3000
m
Shock
30G non operating
Operational Vibration
1G, 10 – 500 Hz, 1.6G (non-operational)
MTBF
Per Telcordia SR-322 M1C1 @ 40°C
635K
hrs
Safety Approvals (pending)
CSA/UL 60950-1-07-2nd Ed.
IEC 60950-1:2005 (2nd Edition) w Am. 1:2009
EN 60950-1:2006 +A11:2009 +A1:2010
CE Marking per LVD DIRECTIVE 2006/95/EC
Input Fuse
Power Supply has internal 6.3A/250V slow blow fuse on the AC line input
Weight
1.76 lbs (798g)
PROTECTION CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
Overtemperature (intake)
Autorestart
57
60
63
°C
12V
Overvoltage
Latching
13.6
15
V
Overcurrent
Latching
42
49.8
A
12VSB
Overvoltage
Autorecovery
13.6
15
V
Overcurrent
Autorecovery
3.5
5.0
A
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Insulation Safety Rating / Test Voltage
Input to Output - Reinforced
3000
Vrms
Input to Chassis - Basic
1500
Vrms
Isolation
Main and standby outputs connected directly to chassis
EMISSIONS AND IMMUNITY
Characteristic
Standard
Compliance
Input Current Harmonics
IEC/EN 61000-3-2
Complies
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
Complies
Conducted Emissions
FCC 47 CFR Part 15/CISPR 22/EN55022
Class B, 6dB margin
ESD Immunity
IEC/EN 61000-4-2
Level 3 criteria A
Radiated Field Immunity
IEC/EN 61000-4-3
Level 3 criteria B
Electrical Fast Transient Immunity
IEC/EN 61000-4-4
Level 3 criteria A
Surge Immunity
IEC/EN 61000-4-5
Level 3 criteria A
Radiated Field Conducted Immunity
IEC/EN 61000-4-6
Level 3 criteria A
Magnetic Field Immunity
IEC/EN 61000-4-8
3 A/m criteria B
Voltage dips, interruptions
IEC/EN 61000-4-11
230Vin, 100% load, Phase 0°, Dip 100% Duration 10ms (A)
230Vin, 50% load, Phase 0°, Dip 100% Duration 20ms (VSB:A, V1:A)
230Vin, 100% load, Phase 0°, Dip 100% Duration > 20ms (VSB, V1:B)


Similar Part No. - D1U86G-W-460-12-HB3DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB3DC MURATA-D1U86G-W-460-12-HB3DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G-W-460-12-HB3DC MURATA-PS-D1U86G-W-460-12-HB3DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HB3DC MURATA-PS-D1U86G-W-460-12-HB3DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U86G-W-460-12-HB3DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXXDC MURATA-PS-D1U86G-W-460-12-HXXDC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86-D-1600-12-HXXDC MURATA-PS-D1U86-D-1600-12-HXXDC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86 MURATA-PS-D1U86 Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com