Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U4CS-W-2200-12-HC4C Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # D1U4CS-W-2200-12-HC4C
Description  AC/DC Front End Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U4CS-W-2200-12-HC4C Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  D1U4CS-W-2200-12-HC4C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U4CS-W-2200-12-HC4C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U4CS-W-2200-12-HC4C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U4CS-W-2200-12-HC4C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U4CS-W-2200-12-HC4C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U4CS-W-2200-12-HC4C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
D1U4CS-W-2200-12-HxxC Series
AC/DC Front End Power Supply
CPS_D1U4CS-W-2200-12-HxxC.A09 Page 6 of 6
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2015 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
MECHANICAL DIMENSIONS - D1U4CS-W-2200-12-HxxC
OPTIONAL ACCESSORIES
Description
Part Number
12V D1U4CS-12 output connector card
D1U4CS-12-CONC
APPLICATION NOTES
Document Number
Description
Link
ACAN-32
D1U4CS-12-CONC Output Connector Card
www.murata-ps.com/data/apnotes/acan-32.pdf
ACAN-33
D1U4CS-W Communication Protocol
www.murata-ps.com/data/apnotes/acan-33.pdf
ACAN-37
D1U4CS-x EEPROM Specification
www.murata-ps.com/data/apnotes/acan-37.pdf
Dimensions: 4.00" x 14.00"x 1.61" [101.6mm x 355.6mm x 41.0mm]
AC Input Connector: The AC input connector is standard IEC C20 20A.
Airflow Front to Back
Airflow Back to Front
349.60 ±0.40
13.764 ±0.016
355.60 ±0.65
14.000 ±0.026
8.89 ±0.25
0.350 ±0.010
12.63 ±0.40
0.497 ±0.016
13.25
±0.30
0.522
±0.012
10.75
±0.30
0.423
±0.012
BARCODE
muRata Ps


Similar Part No. - D1U4CS-W-2200-12-HC4C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C Datasheet
159Kb / 5P
   AC/DC Front End Power Supply
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4CS-W-2200-12-HC4C MURATA-PS-D1U4CS-W-2200-12-HC4C Datasheet
690Kb / 6P
   AC/DC Front End Power Supply
2021
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
More results

Similar Description - D1U4CS-W-2200-12-HC4C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
C1U-W-1200-12-TA1C MURATA-PS-C1U-W-1200-12-TA1C Datasheet
186Kb / 4P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET1300-12-054XA BEL-PET1300-12-054XA Datasheet
1Mb / 23P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com