Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U3CS Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # D1U3CS
Description  81mm Front End DC-DC Power Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U3CS Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  D1U3CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
D1U3CS-D-1600-12-HC4EC Series
81mm Front End DC-DC Power Converter
D1U3CS-D-1600-12-HC4EC.A02 Page 5 of 5
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2015 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
MECHANICAL DIMENSIONS
Notes
1. Dimensions: 3.20" x 11.00" x 1.57" (81.3mm x 279.4mm x 39.9mm)
2. Safety earth/ground connection via separate dedicated M4 pan head screw connection (located above terminal block)
OPTIONAL ACCESSORIES
Description
Part Number
D1U3CS-12 Output Interface Connector Card
D1U3CS-12-CONC
APPLICATION NOTES
Document Number
Description
Link
ACAN-41
D1U3CS-12-CONC Output Interface Connector Card
www.murata-ps.com/data/apnotes/acan-41.pdf
ACAN-57
D1U3CS-12 Communications Protocol
Direction of Airflow


Similar Part No. - D1U3CS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-D-1600-12-HC4EC MURATA-D1U3CS-D-1600-12-HC4EC Datasheet
266Kb / 5P
   81mm Front End DC-DC Power Converter
D1U3CS-W-1200-12-HA3C MURATA-D1U3CS-W-1200-12-HA3C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-1200-12-HA3C MURATA-PS-D1U3CS-W-1200-12-HA3C Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HA4C MURATA-D1U3CS-W-1200-12-HA4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-1200-12-HA4C MURATA-PS-D1U3CS-W-1200-12-HA4C Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U3CS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-D-1600-12-HC4EC MURATA-D1U3CS-D-1600-12-HC4EC Datasheet
266Kb / 5P
   81mm Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1300F-12-HA4EC MURATA-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-1200-12-HXXC MURATA-PS-D1U3CS-W-1200-12-HXXC Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com