Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2036-25-SM-RP2LF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2036-25-SM-RP2LF
Description  Precision Gas Discharge Tube Surge Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-25-SM-RP2LF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2036-25-SM-RP2LF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-25-SM-RP2LF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-25-SM-RP2LF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7.3±0.2
(.287±.008)
3.3
(.130)
DIMENSIONS:MILLIMETERS/(INCHES)
8.2
(.323)
1.6
(.063)
5.6
(.221)
0.9±0.2
(.035±.008)
0.5±0.2
(.020±.008)
5.0±0.2
(.197±.008)
0.7±0.2
(.028±.008)
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2036-xx-SMPrecisionGasDischargeTubeSurgeProtector
ProductDimensions
HowtoOrder
2036-xx-SM-RPLF
ModelNumberDesignator
Voltage (Divided by 10)
SurfaceMount
PackagingOptions*
Blank = Bulk Packaging (Standard)
RP = Reelpack - 1000 pcs./reel (Optional)
RP2 = Reelpack - 1000 pcs./reel (Optional)
RoHSCompliantOption
Blank = Standard Product
LF = RoHS Compliant Product
* The optional -RP & -RP2 reelpacks contain 1000 pcs./reel.
The reels are 330 mm in diameter. The -RP reelpack is 16 mm wide.
The -RP2 reelpack is 24 mm wide.
RecommendedPadLayout


Similar Part No. - 2036-25-SM-RP2LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-25-SM-RP2LF BOURNS-2036-25-SM-RP2LF Datasheet
242Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-25-SM-RP2LF BOURNS-2036-25-SM-RP2LF Datasheet
250Kb / 3P
   2036-xx-SM Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2036-25-SM-RP2LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2036-XX-SM BOURNS-2036-XX-SM Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2027-XX-SM BOURNS-2027-XX-SM Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
   Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
   Gas Discharge Tube Surge Protector
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
   Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com