Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4040-5.0 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN4040-5.0
Description  Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4040-5.0 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN4040-5.0 Datasheet HTML 1Page - Fairchild Semiconductor FAN4040-5.0 Datasheet HTML 2Page - Fairchild Semiconductor FAN4040-5.0 Datasheet HTML 3Page - Fairchild Semiconductor FAN4040-5.0 Datasheet HTML 4Page - Fairchild Semiconductor FAN4040-5.0 Datasheet HTML 5Page - Fairchild Semiconductor FAN4040-5.0 Datasheet HTML 6Page - Fairchild Semiconductor FAN4040-5.0 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT SPECIFICATION
FAN4040
REV. 1.0.5 1/29/03
3
Guaranteed Electrical Characteristics, FAN4040-2.5, Industrial Temperature Range
(TA = 25°C unless otherwise specified, in free air)
The
• denotes specifications which apply over the full operating temperature range.
*Typical.
Guaranteed Electrical Characteristics, FAN4040-3.3, Industrial Temperature Range
(TA = 25°C unless otherwise specified, in free air)
The
• denotes specifications which apply over the full operating temperature range.
*Typical.
Symbol
Parameter
Conditions
Limits
Units
ABCD
VR
Reverse Breakdown Voltage
IK = 100µA
2.500 2.500 2.500 2.500
V*
TCVR
Reverse Breakdown Voltage
Tolerance
IK = 100µA
±2.5
±19
±5.0
±21
±12
±29
±25
±49
mV
mV
IRMIN
Minimum Operating Current
65
65
65
70
µA
∆VR/∆T
Reverse Breakdown Voltage
Temperature Coefficient
IK = 1mA
• ±100 ±100 ±100 ±150 ppm/°C
∆V
R (∆IK) Reverse Breakdown Voltage
Change with Operating Current
IRMIN
≤ I
K ≤1mA
1mA
≤ I
K ≤ 15mA
1mA
≤ IK ≤ 25mA
1.2
8.0
10
1.2
8.0
10
1.2
8.0
10
1.5
10.0
12
mV
mV
mV*
ZKA
Reverse Dynamic Impedance
IK=1mA, f=120Hz,
IAC=0.1IK
1.0
1.0
1.0
1.3
Ω*
eN
Wideband Noise
IK=100µA,
10Hz
≤ f ≤ 10kHz
35
35
35
35
µVRMS*
∆VR
Reverse Breakdown Voltage
Long-term Stability
t=1000hrs, T=25°C,
IK=100µA
120
120
120
120
ppm*
Symbol
Parameter
Conditions
Limits
Units
ABCD
VR
Reverse Breakdown Voltage
IK = 100µA
3.300 3.300 3.300 3.300
V*
TCVR
Reverse Breakdown Voltage
Tolerance
IK = 100µA
±3.3
±25
±6.6
±28
±17
±38
±33
±65
mV
mV
IRMIN
Minimum Operating Current
70
70
70
75
µA
∆VR/∆T
Reverse Breakdown Voltage
Temperature Coefficient
IK = 1mA
• ±100 ±100 ±100 ±150 ppm/°C
∆V
R (∆IK) Reverse Breakdown Voltage
Change with Operating Current
IRMIN
≤ I
K ≤1mA
1mA
≤ I
K ≤ 15mA
1mA
≤ IK ≤ 25mA
1.2
10
12
1.2
10
12
1.2
10
12
1.5
13
15
mV
mV
mV*
ZKA
Reverse Dynamic Impedance
IK=1mA, f=120Hz,
IAC=0.1IK
1.0
1.0
1.0
1.3
Ω*
eN
Wideband Noise
IK=100µA,
10Hz
≤ f ≤ 10kHz
70
70
70
70
µVRMS*
∆VR
Reverse Breakdown Voltage
Long-term Stability
t=1000hrs, T=25°C,
IK=100µA
120
120
120
120
ppm*


Similar Part No. - FAN4040-5.0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4041 FAIRCHILD-FAN4041 Datasheet
31Kb / 6P
   Precision Micropower Shunt Voltage Reference
More results

Similar Description - FAN4040-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com