Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2046-47-AFLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2046-47-AFLF
Description  Heavy-Duty 3-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2046-47-AFLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2046-47-AFLF Datasheet HTML 1Page - Bourns Electronic Solutions 2046-47-AFLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
Packaging Specifications
Model 2046 ships standard bulk pack, 100 pieces per tray; 5 trays
per inner box; 2 inner boxes per outer pack (1K units).
Product Dimensions
How to Order
2046 - xx - xx (F) LF
Model Number Designator
Voltage (Divided by 10)
09 = 90 V
35 = 350 V
14 = 145 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Leads
A = No leads/Cassette Applications
C2 = 1.0 mm dia., 4.4 mm spacing
Fail-Short Option
(Blank) = None
F = Fail-Short Device (Optional)
RoHS Compliancy
LF = RoHS Compliant Product
REV. B 08/15
8.0 +0.2/-0.8
(.315 + .008/-.031)
DIA.
7.5 ± 0.5
(.295 ± .020)
1.0 ± 0.05
(.039 ± .002)
DIA.
4.4 ± 0.4
(.173 ± .016)
4.4 ± 0.4
(.173 ± .016)
10.0 ± 0.5
(.394 ± .020)
13.4 +0.8/-0.5
(.528 +.031/-.020)
2046-xx-C2
1.0 mm dia. lead wire
2046-xx-A
2046-xx-C2F
FAIL-SHORT CONFIGURATION
10.0 ± 0.5
(.394 ± .020)
8.0 +0.2/-0.8
(.315 + .008/-.031)
DIA.
DIMENSIONS:
MM
(INCHES)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2046-47-AFLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2046-XX-C2 BOURNS-2046-XX-C2 Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2046-XX-C2F BOURNS-2046-XX-C2F Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
More results

Similar Description - 2046-47-AFLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
   Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2056-09 BOURNS-2056-09 Datasheet
192Kb / 2P
   Light Duty 3-Electrode Gas Discharge Tube
2028-XX-ALF BOURNS-2028-XX-ALF Datasheet
187Kb / 2P
   2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2052-23 BOURNS-2052-23 Datasheet
240Kb / 2P
   Light Duty 3-Electrode Symmetrical Gas Discharge Tube
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
2045-07 BOURNS-2045-07_15 Datasheet
231Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com