Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2045-35-BT1LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2045-35-BT1LF
Description  Medium Duty 2-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2045-35-BT1LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2045-35-BT1LF Datasheet HTML 1Page - Bourns Electronic Solutions 2045-35-BT1LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Size: 8 mm diameter, 6 mm length
Low capacitance
High insulation resistance
RoHS compliant*
UL Recognized
Applications
Telecommunications equipment
Industrial equipment/electronics
Consumer electronics
Characteristics
2045 Series Medium Duty 2-Electrode Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12 and IEEE C62.31.
Characteristic
Model No.
2045-07
2045-09
2045-12
2045-13
2045-14
2045-23
DC Sparkover ±30 % @ 100 V/s
75 V
90 V
120 V
130 V
145 V
230 V
Impulse Sparkover (1)
100 V/µs
1000 V/µs
< 500 V
< 600 V
< 500 V
< 600 V
< 500 V
< 700 V
< 500 V
< 700 V
< 500 V
< 700 V
< 500 V
< 700 V
Insulation Resistance (IR) (2)....................................50 / 100 / 250 Vdc ................................................. > 10 G
Ω
Glow Voltage ...........................................................10 mA..................................................................... ~ 70 V
Arc Voltage ..............................................................1 A .......................................................................... ~ 10 V
Glow-Arc Transition Current .................................................................................................................... < 1 A
Maximum Capacitance ............................................1 MHz..................................................................... < 1.5 pF
Impulse Discharge Current......................................15,000 A, 8/20 µs .................................................. 1 operation
10,000 A, 8/20 µs .................................................. 10 operations
Alternating Discharge Current .................................5 A, 50 Hz, 1 second. ............................................ 1 operation
65 A, Single, 9 cycles ............................................ 1 operation
Impulse Life .............................................................100 A 10/1000 µs .................................................. 500 operations
Storage Temperature............................................................................................................................... -40 to +150 °C
Operating Temperature............................................................................................................................ -30 to +85 ºC
DC Holdover Voltage (3) ........................................................................................................................... < 150 ms
Climatic Category (IEC 60068-1)............................................................................................................. 40 / 90 / 21
Notes:
• UL Recognized component, UL File E153537.
• At delivery AQL 0.65, level II DIN ISO 2859.
(2)
DC Breakdown Voltage
DC Measuring Voltage
75–90 V
50 V
120–400 V
100 V
470
250 V
(3)
DC Breakdown Voltage
DC Holdover Voltage
75–145 V
52 V
230 V
80 V
250 V
135 V
300–470 V
150 V
Characteristic
Model No.
2045-25
2045-30
2045-35
2045-40
2045-47
DC Sparkover ±30 % @ 100 V/s
250 V
300 V
350 V
400 V
470 V
Impulse Sparkover (1)
100 V/µs
1000 V/µs
< 500 V
< 700 V
< 700 V
< 900 V
< 700 V
< 900 V
< 800 V
< 1000 V
< 900 V
< 1100 V
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2045-35-BT1LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2045-35-B-T1LF BOURNS-2045-35-B-T1LF Datasheet
245Kb / 2P
   2045 Series Medium Duty 2-Electrode Gas Discharge Tube
More results

Similar Description - 2045-35-BT1LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
2045-07 BOURNS-2045-07 Datasheet
245Kb / 2P
   2045 Series Medium Duty 2-Electrode Gas Discharge Tube
2049-07 BOURNS-2049-07 Datasheet
248Kb / 2P
   2049 Series Medium Duty 2-Electrode Gas Discharge Tube
2049-23-BLF BOURNS-2049-23-BLF Datasheet
237Kb / 2P
   2049 Series Medium Duty 2-Electrode Gas Discharge Tube
2057-07 BOURNS-2057-07 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2053 BOURNS-2053 Datasheet
237Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2057 BOURNS-2057 Datasheet
270Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2053-07 BOURNS-2053-07 Datasheet
229Kb / 2P
   Light Duty 2-Electrode Miniature Gas Discharge Tube
2056-09 BOURNS-2056-09 Datasheet
192Kb / 2P
   Light Duty 3-Electrode Gas Discharge Tube
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
   Heavy-Duty 3-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com