Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC0830LJ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0830LJ
Description  8-Bit P Compatible, Double-Buffered D to A Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0830LJ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DAC0830LJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 9Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 10Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 11Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 12Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 13Page - National Semiconductor (TI) DAC0830LJ Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DAC0830 Series Application Hints (Continued)
The ILE pin is an active high chip select which can be
decoded from the address bus as a qualifier for the normal
CS signal generated during a write operation. This can be
used to provide a higher degree of decoding unique control
signals for a particular DAC, and thereby create a more
efficient addressing scheme.
Another useful application of the ILE pin of each DAC in a
multiple DAC system is to tie these inputs together and use
this as a control line that can effectively “freeze” the outputs
of all the DAC’s at their present value. Pulling this line low
latches the input register and prevents new data from being
written to the DAC. This can be particularly useful in multi-
processing systems to allow a processor other than the one
controlling the DAC’s to take over control of the data bus and
control lines. If this second system were to use the same
addresses as those decoded for DAC control (but for a
different purpose) the ILE function would prevent the DAC’s
from being erroneously altered.
In a “Stand-Alone” system the control signals are generated
by discrete logic. In this case double-buffering can be con-
trolled by simply taking CS and XFER to a logic “0”, ILE to a
logic “1” and pulling WR
1 low to load data to the input latch.
00560835
*TIE TO LOGIC 1 IF NOT NEEDED (SEE SEC. 1.1).
FIGURE 2. Controlling Mutiple DACs
00560836
FIGURE 3.
www.national.com
10


Similar Part No. - DAC0830LJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC0830LCN TI-DAC0830LCN Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
DAC0830LCN/NOPB TI-DAC0830LCN/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
More results

Similar Description - DAC0830LJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
   8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com