Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2036-07-A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2036-07-A
Description  Miniature 3-Pole Gas Discharge Tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-07-A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2036-07-A Datasheet HTML 1Page - Bourns Electronic Solutions 2036-07-A Datasheet HTML 2Page - Bourns Electronic Solutions 2036-07-A Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2036 - xx - x (n) F LF
Model Number Designator
Voltage (Divided by 10)
07 = 75 V
30 = 300 V
09 = 90 V
35 = 350 V
15 = 150 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
Leads
A = None
B = 0.8 mm
Lead Shape
(See Product Dimension Drawings)
Fail-Short Option
Blank = Standard Product
F = With Fail-Short Mechanism
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
How to Order
REV. 02/16
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
2036Series-Miniature3-PoleGasDischargeTube
Switch-Grade Fail-Short Device Shorting Curve 2036-XX-XF
1.0
10.0
5.0
0.5
0.1
0.1
110
ELTGS=EachLinetoGroundSimultaneously
NOTE:WhenusingaGDTfailsafedevice,itisimperativethatallcomponents
associatedandconnectedtotheGDTwithfailsafebetestedintheirrespective
completelyintegratedenvironment(finishedproduct)toassureproperoperation.
Seconds
100
Packaging Specifications
Model
Standard Packaging Quantity
Bulk (Bag)
Tray
Box
2036-XX-A
250
1000
2036-XX-B
100
700
2036-XX-B2
100
900
2036-XX-B3
100
900
2036-XX-B2F
100
900


Similar Part No. - 2036-07-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-07-A BOURNS-2036-07-A Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-AF BOURNS-2036-07-AF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-AFLF BOURNS-2036-07-AFLF Datasheet
531Kb / 3P
   Balanced Mini-TRIGARD 5 mm diameter, 7.5 mm long
2036-07-AFLF BOURNS-2036-07-AFLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-ALF BOURNS-2036-07-ALF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results

Similar Description - 2036-07-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-07-B3LF BOURNS-2036-07-B3LF Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-25-B3 BOURNS-2036-25-B3 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2LF BOURNS-2036-07-C2LF Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2 BOURNS-2036-07-C2 Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-35-C2 BOURNS-2036-35-C2 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-23-B3FLF BOURNS-2036-23-B3FLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com