Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2028-35-A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2028-35-A
Description  Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2028-35-A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2028-35-A Datasheet HTML 1Page - Bourns Electronic Solutions 2028-35-A Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Size: 8 mm diameter, 10 mm length
Balanced and symmetrical TRIGARD®
design
High surge current rating
Stable breakdown throughout life
Long life
Fail-Short available
RoHS compliant*
Applications
Telecommunications electronics
Industrial electronics
Consumer electronics
Characteristics
2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.
Test Methods per ITU-T K.12, IEEE C62.31 and IEC 61643-311 GDT standards.
Characteristic
Model No.
2028-23
2028-25
2028-35
2028-42
DC Sparkover ±20 % @ 100 V/s
230 V
250 V
350 V
420 V
Impulse Sparkover (1)
100 V/µs (Typical/99 %)
1000 V/µs (Typical/99 %)
< 450 V/550 V
< 650 V/750 V
< 450 V/550 V
< 650 V/750 V
< 700 V/800 V
< 850 V/950 V
< 850 V/950 V
< 1050 V/1150 V
Impulse Transverse Delay ............................... 1000 V/µs..........................................................< 75 ns
Insulation Resistance (IR) ............................... 100 V ................................................................> 1 G
Ω
Capacitance..................................................... 1 MHz ...............................................................< 2 pF
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... 1 A.....................................................................~ 10 V
DC Holdover Voltage (2) ................................... 135 V ................................................................< 150 ms
Impulse Discharge Current (3) .......................... 30,000 A, 8/20 µs..............................................
1 operation
20,000 A, 8/20 µs..............................................
10 operations
5,000 A, 10/350 µs............................................
1 operation
200 A, 10/1000 µs.............................................
300 operations
20 A, 10/1000 µs...............................................
1500 operations
Alternating Discharge Current ......................... 20 Arms, 1 second ............................................
10 operations
Operating Temperature...............................................................................................................
-55 to +85 °C
Climatic Category (IEC 60068-1)................................................................................................
40 / 90 / 21
An optional Switch-Grade Fail-Short device is available. The optional Fail-Short assembly will activate at a temperature of 215 °C –
217 °C to provide a high conductive path to ground in case of a thermal overload. GDTs equipped with the optional Fail-Short device
should be soldered either manually at a temperature that is below the activation temperature of the Fail-Short mechanism, or using a
selective soldering process that does not exceed 210 °C.
Notes:
(2) Network applied.
(3) The Rated Impulse Discharge Current for TRIGARD® Gas Discharge Tubes is the total current equally divided between each line
to ground.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
How to Order
2028 - nn - x n F LF
Model Number
Designator
Voltage (Divided by 10)
23 = 230 V
35 = 350 V
25 = 250 V
42 = 420 V
Leads
A = No Leads / Cassette Applications
C = 1.0 mm
Lead Shape
(See Product Dimension Drawings)
Fail-Short Option
Blank = Standard Product
F = With Fail-Short Mechanism
RoHS Compliancy
LF = RoHS Compliant Product
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2028-35-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2028-XX-ALF BOURNS-2028-XX-ALF Datasheet
187Kb / 2P
   2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2028-xx-C2FLF BOURNS-2028-xx-C2FLF Datasheet
187Kb / 2P
   2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2028-xx-C2LF BOURNS-2028-xx-C2LF Datasheet
187Kb / 2P
   2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2028-xx-CLF BOURNS-2028-xx-CLF Datasheet
187Kb / 2P
   2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
More results

Similar Description - 2028-35-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2028-XX-ALF BOURNS-2028-XX-ALF Datasheet
187Kb / 2P
   2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2046-09 BOURNS-2046-09 Datasheet
200Kb / 2P
   Heavy-Duty 3-Electrode Gas Discharge Tube
2046-XX-A BOURNS-2046-XX-A Datasheet
191Kb / 2P
   2046 Series Heavy-Duty 3-Electrode Gas Discharge Tube
2056-09 BOURNS-2056-09 Datasheet
192Kb / 2P
   Light Duty 3-Electrode Gas Discharge Tube
2052-23 BOURNS-2052-23 Datasheet
240Kb / 2P
   Light Duty 3-Electrode Symmetrical Gas Discharge Tube
2049-07-BT1LF BOURNS-2049-07-BT1LF Datasheet
233Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
2045-07 BOURNS-2045-07_15 Datasheet
231Kb / 2P
   Medium Duty 2-Electrode Gas Discharge Tube
logo
Socay Electornics Co., ...
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com