Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9180 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF9180
Description  880 MHz, 170 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9180 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF9180 Datasheet HTML 1Page - Motorola, Inc MRF9180 Datasheet HTML 2Page - Motorola, Inc MRF9180 Datasheet HTML 3Page - Motorola, Inc MRF9180 Datasheet HTML 4Page - Motorola, Inc MRF9180 Datasheet HTML 5Page - Motorola, Inc MRF9180 Datasheet HTML 6Page - Motorola, Inc MRF9180 Datasheet HTML 7Page - Motorola, Inc MRF9180 Datasheet HTML 8Page - Motorola, Inc MRF9180 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF9180 MRF9180S
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
FUNCTIONAL TESTS (In Motorola Test Fixture, 50 ohm system) (2) (continued)
Common–Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 170 W CW, IDQ = 2
700 mA,
f1 = 880.0 MHz)
Gps
16.5
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 170 W CW, IDQ = 2
700 mA,
f1 = 880.0 MHz)
η
55
%
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 170 W CW, IDQ = 2
700 mA,
f = 880 MHz, VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
(2) Device measured in push–pull configuration.


Similar Part No. - MRF9180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF9100LR3 FREESCALE-MRF9100LR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9100LSR3 FREESCALE-MRF9100LSR3 Datasheet
366Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9100R3 MOTOROLA-MRF9100R3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100SR3 MOTOROLA-MRF9100SR3 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
More results

Similar Description - MRF9180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9085 MOTOROLA-MRF9085 Datasheet
491Kb / 8P
   880 MHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
   945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF9200LR3 FREESCALE-MRF9200LR3_06 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF18090A MOTOROLA-MRF18090A Datasheet
175Kb / 8P
   1.80 - 1.88 GHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETS
logo
Freescale Semiconductor...
MRF6P9220HR3 FREESCALE-MRF6P9220HR3 Datasheet
437Kb / 12P
   880 MHz, 47 W AVG., 28 V SINGLE N-CDMA LATERAL N-CHANNEL RF POWER MOSFET
logo
Motorola, Inc
MRF5S19090LR3 MOTOROLA-MRF5S19090LR3 Datasheet
412Kb / 12P
   1990 MHz, 18 W AVG 2 x N-CDMA, 28 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com