Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50E1CL8.25 Datasheet(PDF) 2 Page - Littelfuse

Part # 50E1CL8.25
Description  MEDIUM VOLTAGE FUSES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

50E1CL8.25 Datasheet(HTML) 2 Page - Littelfuse

  50E1CL8.25 Datasheet HTML 1Page - Littelfuse 50E1CL8.25 Datasheet HTML 2Page - Littelfuse 50E1CL8.25 Datasheet HTML 3Page - Littelfuse 50E1CL8.25 Datasheet HTML 4Page - Littelfuse 50E1CL8.25 Datasheet HTML 5Page - Littelfuse 50E1CL8.25 Datasheet HTML 6Page - Littelfuse 50E1CL8.25 Datasheet HTML 7Page - Littelfuse 50E1CL8.25 Datasheet HTML 8Page - Littelfuse 50E1CL8.25 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
2 of 10
Description
R-rated fuses provide required short-circuit protection for
medium voltage motors, motor controllers and associated
circuitry.These components have limited ability to absorb the
energy of large short-circuit currents. Medium voltage motor
controllers contain overload relays which provide both overload
protection and locked rotor protection to the motor.The
controllers are also intended to interrupt low value short-circuits
within the capability of the motor controller.This protects the
medium voltage fuse from sustained overcurrents which are
less than their minimum interrupting rating.
NEMA Standards for R-rated medium voltage power fuses
require they operate within 15-35 seconds when subjected
to an rms current 100 times the R rating. For example, a
fuse with a 2R rating will open within 15 to 35 seconds on
an applied current of 2 x 100 = 200 amperes.
Ordering Number
3"DIA
Dim.A
Clip
Center
6.38"
Dim.B
9.75"
A
D
DD
DDD
Figure 1
Figure 2
Figure 3
Hookeye Feature*
For hookeye attachment; add “W” suffix
to part number
*See web for Bolt Mount, Inverted Bolt Mount, and Bolt-In dimensions
Max Voltage (KV)
Style:
C (Cartridge)
B (Bolt Mount)
IB (Inverted Bolt Mount)
BI (Bolt-In Mount)
No. of Barrels
Rating (size)
Continuous Current
Characteristics
Voltage Ratings
2,750 V – 8,250 V
Current Range
2R – 36R
Options
• Hermetically sealed for use in hazardous locations
(add “S” suffix to part number)
• Bolt-in mounting configurations
Bolt Mount “B”
Sample Part #: 130-4R-1B-5.5
Inverted-Bolt “IB”
Sample Part #: 130-4R-1IB-5.5
Bolt-In Mount “BI”
Sample Part #: 130-4R-1BI-5.5
Cartridge “C”
Dimensions
Medium Voltage
Fuse Protection
POWR-GARD® medium
voltage fuses provide
short-circuit protection
for motors and
transformers rated
2,400 to 38,000 volts AC.
Visit littelfuse.com/MediumVoltage to
download the white paper featuring protection
tables, sizing recommendations, and applications.
130-4R-1C-5.5
R-RATED MEDIUM VOLTAGE FUSES


Similar Part No. - 50E1CL8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
50E1CL8.25 LITTELFUSE-50E1CL8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
50E1CL8.25 LITTELFUSE-50E1CL8.25 Datasheet
564Kb / 10P
   Power Transformer Protection
50E1CL8.25 LITTELFUSE-50E1CL8.25 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results

Similar Description - 50E1CL8.25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com