Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65671D0000R048 Datasheet(PDF) 3 Page - TDK Electronics

Part # B65671D0000R048
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65671D0000R048 Datasheet(HTML) 3 Page - TDK Electronics

  B65671D0000R048 Datasheet HTML 1Page - TDK Electronics B65671D0000R048 Datasheet HTML 2Page - TDK Electronics B65671D0000R048 Datasheet HTML 3Page - TDK Electronics B65671D0000R048 Datasheet HTML 4Page - TDK Electronics B65671D0000R048 Datasheet HTML 5Page - TDK Electronics B65671D0000R048 Datasheet HTML 6Page - TDK Electronics B65671D0000R048 Datasheet HTML 7Page - TDK Electronics B65671D0000R048 Datasheet HTML 8Page - TDK Electronics B65671D0000R048 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 60133
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.4
37.2
93
76.5
3460
0.37
40
108
87
4320
mm–1
mm
mm2
mm2
mm3
m
21
23
g
Material
AL value
nH
s
approx.
mm
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
100
3%
0.90
32
B65671+0100A001
M33
100
3%
1.52
32
B65671+0100A033
160
3%
0.78
51
B65671+0160A033
N48
160
3%
0.80
51
B65671+0160A048
250
3%
0.40
80
B65671+0250A048
315
3%
0.34
100
B65671+0315A048
400
3%
0.24
127
B65671+0400A048
630
3%
0.15
201
B65671+0630A048
800
3%
0.11
255
B65671+0800A048
1000
5%
0.10
318
B65671D1000J048
Material
AL value
nH
e
PV
W/set
Ordering code
-D with center hole
-W without center hole
N48
4900 +30/–20% 1560
B65671D0000R048
N30
9700 +30/–20% 2860
B65671W0000R030
T38
22000 +40/–30% 6480
B65671W0000Y038
N87
5500 +30/–20% 1620
< 1.9 (200 mT, 100 kHz, 100 °C)
B65671W0000R087
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65671
Core
P 26
 16


Similar Part No. - B65671D0000R048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65671D0000R048 EPCOS-B65671D0000R048 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65671D0000R048 EPCOS-B65671D0000R048 Datasheet
92Kb / 7P
   Ferrites and accessories
B65671D0000R048 EPCOS-B65671D0000R048 Datasheet
735Kb / 7P
   Ferrites and accessories
More results

Similar Description - B65671D0000R048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com