Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65671+0100A033 Datasheet(PDF) 5 Page - TDK Electronics

Part # B65671+0100A033
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65671+0100A033 Datasheet(HTML) 5 Page - TDK Electronics

  B65671+0100A033 Datasheet HTML 1Page - TDK Electronics B65671+0100A033 Datasheet HTML 2Page - TDK Electronics B65671+0100A033 Datasheet HTML 3Page - TDK Electronics B65671+0100A033 Datasheet HTML 4Page - TDK Electronics B65671+0100A033 Datasheet HTML 5Page - TDK Electronics B65671+0100A033 Datasheet HTML 6Page - TDK Electronics B65671+0100A033 Datasheet HTML 7Page - TDK Electronics B65671+0100A033 Datasheet HTML 8Page - TDK Electronics B65671+0100A033 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly for printed circuit boards
The set comprises a terminal carrier and a yoke
For snap-in connection
Terminal carrier
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code gray
Pocan B4235® E245249 (M), LANXESS AG
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Yoke
Spring yoke, made of tinned nickel silver (0.4 mm), with ground terminal
Complete mounting assembly (8 solder terminals)
Ordering code: B65675B0005X000
a) Yoke
b) Terminal carrier with 8 solder terminals
Hole arrangement
View in mounting direction
This recess must be on the side of the
grounding pin to ensure that the yoke
locks into position.
Grounding pin
Ground
B65675
Accessories
P 26
 16


Similar Part No. - B65671+0100A033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65671 EPCOS-B65671 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65671 EPCOS-B65671 Datasheet
92Kb / 7P
   Ferrites and accessories
B65671-100-A1 EPCOS-B65671-100-A1 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65671-100-A33 EPCOS-B65671-100-A33 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65671-160-A33 EPCOS-B65671-160-A33 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results

Similar Description - B65671+0100A033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com