Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV845 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTV845
Description  LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV845 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTV845 Datasheet HTML 4Page - Lite-On Technology Corporation LTV845 Datasheet HTML 5Page - Lite-On Technology Corporation LTV845 Datasheet HTML 6Page - Lite-On Technology Corporation LTV845 Datasheet HTML 7Page - Lite-On Technology Corporation LTV845 Datasheet HTML 8Page - Lite-On Technology Corporation LTV845 Datasheet HTML 9Page - Lite-On Technology Corporation LTV845 Datasheet HTML 10Page - Lite-On Technology Corporation LTV845 Datasheet HTML 11Page - Lite-On Technology Corporation LTV845 Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs. Forward
Fig.5 Current Transfer Ratio vs. Forward
Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
F
F
CE
0
-30
0
Ta= 75 C
50 C
25 C
0 C
-25 C
V
= 2V
Ta= 25 C
CE
Ta= 25 C
I = 10mA
Pc(MAX.)
5mA
2mA
1mA
Fig.3 Collector-emitter Saturation
Voltage vs. Forward Current
F
Ta= 25 C
Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Forward voltage V (V)
Forward current I (mA)
Forward current I (mA)
Collector-emitter voltage V
(V)
o
o
0
25
50
75
100
125
10
20
30
40
50
60
-30
0
0
125
25
50
75
100
50
100
150
200
0
0
0.5 1.0 1.5 2.0 2.5
4.0
3.0 3.5
1
2
3
4
5
6
7
8
o
0
1
0.5
1.0
3.0
1.5
2.0
2.5
2
5
10
20
50
100
200
500
o
o
o
o
o
0
0.1
0.2
0.5
1
2
5
10
400
800
1200
1600
2000
0
20
40
60
80
100
1
2345
O
O
Voltage
F
Part No. : LTV-815 / 825 / 845 ( M, S, S-TA1 )
Page : 10 of 12
BNS-OD-C131/A4


Similar Part No. - LTV845

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV8441-V LITEON-LTV8441-V Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV8441-V TENAND-LTV8441-V Datasheet
708Kb / 6P
   High Transfer Efficiency AC Iuput Type Photocoupler
logo
Lite-On Technology Corp...
LTV8441M-V LITEON-LTV8441M-V Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV8441M-V TENAND-LTV8441M-V Datasheet
708Kb / 6P
   High Transfer Efficiency AC Iuput Type Photocoupler
logo
Lite-On Technology Corp...
LTV8441S-V LITEON-LTV8441S-V Datasheet
668Kb / 5P
   High Transfer Efficiency AC Input Type Photocoupler
More results

Similar Description - LTV845

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com