Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM5204EECD Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM5204EECD
Description  Quad Channel Low Capacitance ESD Protection Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM5204EECD Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM5204EECD Datasheet HTML 3Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 4Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 5Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 6Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 7Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 8Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 9Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 10Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Mar.2016
10/11
UM5204
UM5204EECE SOT23-6
Outline Drawing
e1
b
D
e
Top View
Side View
4
1
3
c
θ
End View
2
6
5
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
1.013
1.15
1.40
0.040
0.045
0.055
A1
0.00
0.05
0.10
0.000
0.002
0.004
A2
1.00
1.10
1.30
0.039
0.043
0.051
b
0.30
-
0.50
0.012
-
0.020
c
0.10
0.15
0.20
0.004
0.006
0.008
D
2.82
-
3.10
0.111
-
0.122
E
1.50
1.60
1.70
0.059
0.063
0.067
E1
2.60
2.80
3.00
0.102
0.110
0.118
e
0.95REF
0.037REF
e1
1.90REF
0.075REF
L
0.30
-
0.60
0.012
-
0.024
θ
-
-
Land Pattern
0.56
0.95
0.95
NOTES:
1. Compound dimension: 2.92×1.60;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation
UCC


Similar Part No. - UM5204EECD

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
More results

Similar Description - UM5204EECD

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304 UNIONSEMI-UM5304 Datasheet
334Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204 Datasheet
393Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EECE UNIONSEMI-UM5204EECE Datasheet
186Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com