Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM5204EECD Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM5204EECD
Description  Quad Channel Low Capacitance ESD Protection Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM5204EECD Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM5204EECD Datasheet HTML 1Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 2Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 3Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 4Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 5Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 6Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 7Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 8Page - Union Semiconductor, Inc. UM5204EECD Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Mar.2016
1/11
UM5204
Quad Channel Low Capacitance ESD Protection Array
UM5204EECD SOT23-6
UM5204EECE SOT23-6
General Description
UM5204EECD/EECE is surge rated diode arrays designed to protect high speed data interfaces.
This series has been specifically designed to protect sensitive components which are connected to
data and transmission lines from over-voltage caused by ESD (electrostatic discharge), electrical
fast transients (EFT) and lighting.
The unique design incorporates surge rated, low capacitance steering diodes and a TVS diode in a
single package. During transient conditions, the steering diodes direct the transient to either the
positive side of the power supply line or to ground. The internal TVS diode prevents over-voltage
on the power line, protecting any downstream components.
UM5204EECD/EECE has a low typical capacitance of 1pF and operates with virtually no
insertion loss to 2GHz. This makes the device ideal for protection of high-speed data line such as
USB2.0, Firewire, DVI and gigabit Ethernet interface.
The low capacitance array configuration allows the user to protect four high-speed data or
transmission lines. The low inductance construction minimizes voltage overshoot during high
current surges. This device is optimized for ESD protection of portable electronics. They may be
used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±8kV
contact discharge).
Applications
Features
USB 2.0
USB OTG
10/100/1000Mbit Ethernet
Monitors and Flat Panel Displays
Digital Visual Interface (DVI)
High-Definition Multimedia Interface
(HDMI)
SIM Ports
IEEE 1394 Firewire Ports
Transient Protection for High-Speed Data
Lines to
IEC 61000-4-2 (ESD) ±20kV (Air), ±12kV
(Contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lighting) 10A (8/20µs)
Array of Surge Rated Diodes with Internal
TVS Diode
Protects up to Four I/O Lines & Power Line
Low Capacitance (<1pF) for High-Speed
Interfaces, No Insertion Loss to 2.0GHz
Low Leakage Current and Clamping Voltage
Low Operating Voltage: 5.0V


Similar Part No. - UM5204EECD

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
More results

Similar Description - UM5204EECD

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304 UNIONSEMI-UM5304 Datasheet
334Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204 Datasheet
393Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EECE UNIONSEMI-UM5204EECE Datasheet
186Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com