Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT48C70-1 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48C70-1
Description  I/O Type 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C70-1 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48C70-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C70-1 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
¾ fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current (RC OSC)
3V
No load, fSYS=4MHz
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
IDD3
Operating Current (Crystal OSC)
5V No load, fSYS=8MHz
¾
35
mA
ISTB1
Standby Current (WDT Enabled RTC Off)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current (WDT Disabled RTC Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current (WDT Disabled, RTC On)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾ LVRenabled
2.7
3.0
3.3
V
IOL
I/O Port Sink Current
3V VOL=0.1VDD
48
¾
mA
5V VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source Current
3V VOH=0.9VDD
-2
-4
¾
mA
5V VOH=0.9VDD
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
HT48R70A-1/HT48C70-1
Rev. 1.60
6
June 9, 2004


Similar Part No. - HT48C70-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C70-1 HOLTEK-HT48C70-1 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48C70-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com