Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3304Q Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM3304Q
Description  4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3304Q Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM3304Q Datasheet HTML 5Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 6Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 7Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 8Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 9Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 10Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 11Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 12Page - Union Semiconductor, Inc. UM3304Q Datasheet HTML 13Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.15 Aug.2015
9/15
UM3304/UM3304Q/UM3304QT
Applications Information
UM3304/UM3304Q/UM3304QT ESD protected level translator provides level shifting necessary
to allow data transfer in a multi-voltage system. Externally applied voltages, VCCA and VCCB set
the logic levels on either side of device. A low voltage signal present on VCCA side of the device
appears as a high voltage logic signal on the VCCB side of the device, and vice-versa.
Block Diagram
The UM3304/UM3304Q/UM3304QT (block diagram see Figure 1) does not require a
direction-control signal to control the direction of data flow from A to B or from B to A. In a dc
state, the output drivers of the UM3304/UM3304Q/UM3304QT can maintain a high or low, but
are designed to be weak, so that they can be overdriven by an external driver when data on the bus
starts flowing to the opposite direction.
The output one shot detects rising or falling edges on the A or B ports. During a rising edge, the
one shot turns on the PMOS transistors (T1, T3) for a short duration, which speeds up the
low-to-high transition. Similarly, during a falling edge, the one shot turns on the NMOS
transistors (T2, T4) for a short duration, which speeds up the high-to-low transition.
P
One Shot
N
One Shot
4K
I/O A
I/O B
VCCA
VCCB
P
One Shot
N
One Shot
4K
T3
T4
T2
T1
Figure 1 Block Diagram of UM3304/UM3304Q/UM3304QT I/O Cell


Similar Part No. - UM3304Q

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3304Q UNIONSEMI-UM3304Q Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3304QT UNIONSEMI-UM3304QT Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
More results

Similar Description - UM3304Q

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com