Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3302H Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM3302H
Description  2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3302H Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM3302H_14 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3302H_14 Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.08 Dec.2014
7/13
UM3302H/UM3302Q
Switching Characteristics
Over recommended operating free-air temperature range, VCCA=3.3V±0.3V (unless otherwise
noted)
Parameter
From
(Input)
To
(Output)
VCCB=3.3V
±0.3V
VCCB=5V
±0.5V
Unit
Min
Max
Min
Max
tpd
A
B
0.9
5
0.8
4
ns
B
A
1
5.1
0.9
4
ten
OE
A
1
1
μs
B
1
1
tdis
OE
A
5
15
4
13
ns
B
4
16
3.4
13.8
trA, tfA
A port rise and fall time
0.7
2.5
0.7
2.5
ns
trB, tfB
B port rise and fall time
0.5
2.1
0.4
2.8
ns
tSK(O)
Channel-to-channel
0.5
0.5
ns
Max data
rate
100
100
Mbps
Operating Characteristics
TA=+25°C
Pamameter
Test
Conditions
VCCB
Unit
5V
1.8V
1.8V
1.8V
2.5V
5V
3.3V
to 5V
VCCA
1.2V
1.2V
1.5V
1.8V
2.5V
2.5V
3.3V
Typ
Typ
Typ
Typ
Typ
Typ
Typ
CpdA
A-port input
B-port output
CL=0,
f=10MHz,
tr=tf=1ns,
OE= VCCA
9
10
10
10
10
10
10
pF
B-port input
A-port output
12
11
11
11
11
11
11
CpdB
A-port input
B-port output
35
28
28
29
3.0
30
30
B-port input
A-port output
27
19
19
19
20
21
23
CpdA
A-port input
B-port output
CL=0,
f=10MHz,
tr=tf=1ns,
OE= GND
0.01
0.01
0.01
0.01
0.01
0.01
0.01
pF
B-port input
A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.01
CpdB
A-port input
B-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.03
B-port input
A-port output
0.01
0.01
0.01
0.01
0.01
0.01
0.05


Similar Part No. - UM3302H_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3302H UNIONSEMI-UM3302H Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
More results

Similar Description - UM3302H_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
   8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com