Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3243EEUS Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM3243EEUS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EEUS Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM3243EEUS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 15Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
11/22
UM3243
Logic Diagram
Auto Power-Off
FORCEOFF
FORCEON
ROUT1
ROUT2B
ROUT2
ROUT3
ROUT4
ROUT5
RIN5
RIN4
RIN3
RIN2
RIN1
INVALID
TOUT3
TOUT2
TOUT1
TIN1
TIN2
TIN3
14
13
12
22
23
19
20
18
17
16
15
8
7
6
5
4
21
11
10
9
Figure 1


Similar Part No. - UM3243EEUS

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM3201 XINDEYI-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3201 UNITPOWER-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
UM3202 UNITPOWER-UM3202 Datasheet
782Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3243EEUS

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com