Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3243EEUS Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM3243EEUS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EEUS Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM3243EEUS Datasheet HTML 1Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 2Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 3Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 4Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 5Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EEUS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
4/22
UM3243
Electrical Characteristics (Continued)
(VCC=+3.0V to +5.5V, C1- C4=0.1μF, TA=TMIN to TMAX, unless otherwise noted. Typical values are at
TA=25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
RECEIVER INPUTS
Input Voltage Range
-30
30
V
Input Threshold Low
RIN_
VCC = 3.3V
0.8
1.15
V
VCC = 5.0V
0.8
1.55
Input Threshold High
VCC = 3.3V
1.35
2
V
VCC = 5.0V
1.75
2
Input Hysteresis
Vhys
0.2
V
Input Resistance
Ri
TA = +25°C
3
5
7
TRANSMITTER OUTPUTS
Output Voltage Swing
VOUT
All Transmitter Outputs
Loaded with 3kΩ to Ground
±5.0
±5.4
V
Output Short-Circuit
Current
IOS
Short to
VCC , GND
or Other
TXD Pin
VCC = 3.3V
±20
±40
mA
VCC = 5.0V
±30
±50
mA
Output Leakage
Current
IOL
Transmitter Disabled,
Connected to V+ or V-
±1
±10
μA


Similar Part No. - UM3243EEUS

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM3201 XINDEYI-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3201 UNITPOWER-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
UM3202 UNITPOWER-UM3202 Datasheet
782Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3243EEUS

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com