Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1003R1C5.5 Datasheet(PDF) 7 Page - Littelfuse

Part # 1003R1C5.5
Description  MEDIUM VOLTAGE FUSES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1003R1C5.5 Datasheet(HTML) 7 Page - Littelfuse

Back Button 1003R1C5.5 Datasheet HTML 2Page - Littelfuse 1003R1C5.5 Datasheet HTML 3Page - Littelfuse 1003R1C5.5 Datasheet HTML 4Page - Littelfuse 1003R1C5.5 Datasheet HTML 5Page - Littelfuse 1003R1C5.5 Datasheet HTML 6Page - Littelfuse 1003R1C5.5 Datasheet HTML 7Page - Littelfuse 1003R1C5.5 Datasheet HTML 8Page - Littelfuse 1003R1C5.5 Datasheet HTML 9Page - Littelfuse 1003R1C5.5 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
7 of 10
* RMS Asymmetrical amperes = RMS Symmetrical amperes x 1.6
E-RATED MEDIUM VOLTAGE FUSES
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
15GSE65E
65E
18"
2178"
60,000
4
15GSE80E
80E
18"
2178"
60,000
4
15GSE100E
100E
18"
2178"
60,000
4
15GSE2125E
125E
18"
2178"
60,000
5
15GSE2150E
150E
18"
2178"
60,000
5
15GSE2175E
175E
18"
2178"
60,000
5
15GSE2200E
200E
18"
2178"
60,000
5
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
3E1C38.0
3E
27"
3078"
20,000
4
7E1C38.0
7E
27"
3078
20,000
4
10E1C38.0
10E
27"
3078
20,000
4
15E1C38.0
15E
27"
3078
20,000
4
20E1C38.0
20E
27"
3078
20,000
4
25E1C38.0
25E
27"
3078
20,000
4
30E1C38.0
30E
27"
3078
20,000
4
40E1C38.0
40E
27"
3078
20,000
4
50E2C38.0
50E
27"
3078
20,000
5
65E2C38.0
65E
27"
3078
20,000
5
80E2C38.0
80E
27"
3078
20,000
5
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
15E1C25.8
15E
21"
2478"
40,000
4
20E1C25.8
20E
21"
2478
40,000
4
25E1C25.8
25E
21"
2478
40,000
4
30E1C25.8
30E
21"
2478
40,000
4
40E1C25.8
40E
21"
2478
40,000
4
50E1C25.8
50E
21"
2478
40,000
4
65E2C25.8
65E
21"
2478
40,000
5
80E2C25.8
80E
21"
2478
40,000
5
100E2C25.8
100E
21"
2478
40,000
5
E-RATED ORDERING/CATALOG
NUMBER
SIZE
DIM. A (INCHES)
DIM. B (INCHES)
MAX INTERRUPTING
RATING RMS (ASYM)*
FIGURE
NUMBER
15NLE10E
10E
20"
2378"
60,000
4
15NLE15E
15E
20"
2378"
60,000
4
15NLE20E
20E
20"
2378"
60,000
4
15NLE25E
25E
20"
2378"
60,000
4
15NLE30E
30E
20"
2378"
60,000
4
15NLE40E
40E
20"
2378"
60,000
4
15NLE50E
50E
20"
2378"
60,000
4
15NLE65E
65E
20"
2378"
60,000
4
15NLE80E
80E
20"
2378"
60,000
4
15NLE100E
100E
20"
2378"
60,000
4
15NLE280E
80E
20"
2378"
60,000
5
15NLE2100E
100E
20"
2378"
60,000
5
15NLE2125E
125E
20"
2378"
60,000
5
15NLE2150E
150E
20"
2378"
60,000
5
15NLE2175E
175E
20"
2378"
60,000
5
15NLE2200E
200E
20"
2378"
60,000
5
15NLE3150E
150E
20"
2378"
60,000
6
15NLE3175E
175E
20"
2378"
60,000
6
15NLE3250E
250E
20"
2378"
60,000
6
15NLE3300E
300E
20"
2378"
60,000
6


Similar Part No. - 1003R1C5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1003R1C5.5 LITTELFUSE-1003R1C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
1003R1C5.5 LITTELFUSE-1003R1C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
1003R1C5.5 LITTELFUSE-1003R1C5.5 Datasheet
564Kb / 10P
   Power Transformer Protection
1003R1C5.5 LITTELFUSE-1003R1C5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
1003R1C5.5X LITTELFUSE-1003R1C5.5X Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
More results

Similar Description - 1003R1C5.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com