Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3221EEAE Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM3221EEAE
Description  Fail-Safe, Single Supply RS-232 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3221EEAE Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM3221EEAE Datasheet HTML 5Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 6Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 7Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 8Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 9Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 10Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 11Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 12Page - Union Semiconductor, Inc. UM3221EEAE Datasheet HTML 13Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.09 Mar.2016
9/16
UM3221E/UM3222E/UM3232E
Typical Operating Characteristics
(VCC=+3.3V, 250kbps data rate, 0.1μF capacitors, all transmitters loaded with 3kΩ and CL,
TA=25°C, unless otherwise noted.)
Transmitter Output Voltage vs. Supply Voltage
-8
-6
-4
-2
0
2
4
6
8
2
2.5
3
3.5
4
4.5
5
Supply Voltage(V)
VOUT+
VOUT-
V+,V- vs. Supply Voltage
-8
-6
-4
-2
0
2
4
6
8
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Supply Voltage (V)
V+
V-
Supply Current vs.Supply Voltage
15
20
25
30
35
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage(V)
Transmitting at 250kbps
CL=1000pF
Transmitter Output Voltage vs. Load Capacitance
-8
-6
-4
-2
0
2
4
6
8
0
500
1000
1500
2000
2500
3000
Load Capacitance (pF)
VOUT+
VOUT-
Supply Current vs. Load Capacitance
15
17
19
21
23
25
0
500
1000
1500
2000
2500
3000
Load Capacitance (pF)
Slew Rate vs. Load Capacitance
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
Load Capacitance (pF)
+Slew
-Slew
Transmitting at 250kbps
CL=1000pF
Transmitting at 250kbps
CL=1000pF
Transmitting at 20kbps
Transmitting at 20kbps
Transmitting at 20kbps


Similar Part No. - UM3221EEAE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3221EEAE UNIONSEMI-UM3221EEAE Datasheet
236Kb / 15P
   Fail-Safe, Single Supply RS-232 Transceivers
More results

Similar Description - UM3221EEAE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3221E UNIONSEMI-UM3221E Datasheet
236Kb / 15P
   Fail-Safe, Single Supply RS-232 Transceivers
UM232EESE UNIONSEMI-UM232EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM202EESE UNIONSEMI-UM202EESE_14 Datasheet
316Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
logo
List of Unclassifed Man...
STC232E ETC1-STC232E Datasheet
79Kb / 6P
   High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
logo
Union Semiconductor, In...
UM202EESE UNIONSEMI-UM202EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM232EESE UNIONSEMI-UM232EESE_15 Datasheet
318Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
   FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com