Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3204 Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM3204
Description  4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3204 Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM3204_14 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 11Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 12Page - Union Semiconductor, Inc. UM3204_14 Datasheet HTML 13Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.08 Dec.2014
9/15
UM3204
Switching Characteristics
Over recommended operating free-air temperature range, VCCA= 3.3V±0.3V (unless otherwise
noted)
Parameter
From
(Input)
To
(Output)
Test Conditions
VCCB=3.3V
±0.3V
VCCB=5V
±0.5V
Unit
Min
Max Min
Max
tPHL
A
B
Push-pull
2.4
3.1
ns
Open-drain
1.2
4.2 1.4
4.6
tPLH
Push-pull
4.2
4.4
Open-drain
36
204 28
165
tPHL
B
A
Push-pull
2.5
3.3
ns
Open-drain
1
124 1
97
tPLH
Push-pull
2.5
2.6
Open-drain
3
139 3
105
tdis
OE
A
200
200
ns
B
200
200
ten
OE
A
40
35
ns
B
40
35
trA
A port rise time
Push-pull
2.3
5.6 1.9
4.8
ns
Open-drain
25
116 19
85
trB
B port rise time
Push-pull
2.5
6.4 2.1
7.4
ns
Open-drain
26
116 14
72
tfA
A port fall time
Push-pull
2
5.4 1.9
5
ns
Open-drain
4.3
6.1 4.2
5.7
tfB
B port fall time
Push-pull
2.3
7.4 2.4
7.6
ns
Open-drain
5
7.6 4.8
8.3
tSK(O)
Channel-to-channel
1
1
ns
Max data
rate
Push-pull
24
24
Mbps
Open-drain
2
2


Similar Part No. - UM3204_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3204H UNIONSEMI-UM3204H Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204Q UNIONSEMI-UM3204Q Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204UE UNIONSEMI-UM3204UE Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3204_14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com