Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3202A Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM3202A
Description  2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3202A Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM3202A Datasheet HTML 6Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 7Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 8Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 9Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 10Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 11Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 12Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 13Page - Union Semiconductor, Inc. UM3202A Datasheet HTML 14Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.10 May.2016
10/15
UM3202
Pull-up or Pull-down Resistors on I/O Lines
Each A-port I/O has an internal 10kΩ pull-up resistor to VCCA, and each B-port I/O has an internal
10kΩ pull-up resistor to VCCB. If a smaller value of pull-up resistor is required, an external resistor
must be added from the I/O to VCCA or VCCB (in parallel with the internal 10kΩ resistor).
Test Circuits
IN
DUT
OUT
15pF
1M
Ω
Data Rate, Pulse Duration, Propagation Delay,
Output Rise and Fall Time measurement using a
push-pull driver
IN
DUT
OUT
15pF
1M
Ω
VCCO
VCCI
Data Rate, Pulse Duration, Propagation Delay,
Output Rise and Fall Time measurement using
an open-drain driver
VCCI
VCCO
15pF
50k
Ω
50k
Ω
From Output
Under Test
Open
2×VCCO
S1
Load Circuit for Enable/Disable
Time Measurement
TEST
S1
TPZL/TPLZ
TPHZ/TPZH
Open
2×VCCO
tw
VCCI
0 V
Input
Voltage Waveforms
Pulse Duration
VCCI/2
VCCI/2
VCCI
0 V
tPLH
tPHL
Input
Voltage Waveforms Propagation
Delay Times
VCCI/2
VCCI/2
0.9×VCCO
0.1×VCCO
VCCO/2
VCCO/2
VOH
VOL
Output
tr
tf
EN
50%
VL
GND
50%
50%
HIGH
IMPEDANCE
HIGH
IMPEDANCE
10%
90%
VOL
VOH
Output
Output
tPZL
tPLZ
tPZH
tPHZ
Voltage Waveforms Propagation
Disable Times
A. CL includes probe and jig capacitances.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by
the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by
the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR≤100MHz,
ZO=50Ω, dV/dt≥1V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. TPLZ and TPHZ are the same as tdis.
F. TPZL and TPZH are the same as ten.
G. TPLH and TPHL are the same as tpd.
H. VCCI is the VCC associated with the input port.
I. VCCO is the VCC associated with the output port.
J. All parameters and waveforms are not applicable to all devices.
Figure 2 Load Circuits and Voltage Waveforms


Similar Part No. - UM3202A

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3202A

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com