Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3202Q Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM3202Q
Description  2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3202Q Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM3202Q Datasheet HTML 1Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 2Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 3Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 4Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 5Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 6Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 7Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 8Page - Union Semiconductor, Inc. UM3202Q Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.10 May.2016
1/15
UM3202
2-Bit Bidirectional Voltage-Level Translator for
Open-Drain and Push-Pull Application
UM3202Q DFN8 1.70×1.35
UM3202A QFN10 1.8×1.4
UM3202H CSP8 1.9×0.9
UM3202V VSSOP8
General Description
The UM3202Q/3202A/3202H/3202V is ±15kV dual channel ESD-protected level translator
provide the level shifting necessary to allow data transfer in a multi-voltage system. Externally
applied voltages, VCCB and VCCA, set the logic levels on either side of the device. A low-voltage
logic signal present on the VCCA side of the device appears as a high-voltage logic signal on the
VCCB side of the device, and vice-versa. The UM3202Q/3202A/3202H/3202V bidirectional level
translator utilizes a transmission-gate based design to allow data translation in either direction
(VCCA↔VCCB) on any single data line. The UM3202Q/3202A/3202H/3202V accepts VCCA from
+1.65V to +3.6V and VCCB from +2.3V to +5.5V, making it ideal for data transfer between
low-voltage ASICs / PLDs and higher voltage systems.
The UM3202Q/3202A/3202H/3202V enters a three-state output mode to reduce supply current
when output enable (OE) is low. The UM3202Q/3202A/3202H/3202V is designed so that the OE
input circuit is supplied by VCCA. ±15kV ESD protection on the VCCB side for greater protection in
applications that route signals externally.
The UM3202Q/3202A/3202H/3202V is a dual level translator available in DFN8 1.70×1.35,
QFN10 1.8×1.4, CSP8 1.9×0.9 and VSSOP8 packages.
Applications
Features
SPI, MICROWIRE, and I
2C Level
Translation
Low-Voltage ASIC Level Translation
Smart Card Readers
Cell-Phone Cradles
Portable POS Systems
Portable Communication Devices
Low-Cost Serial Interfaces
Cell-Phones
GPS
Telecommunications Equipment
Max Data Rates:
24Mbps (Push Pull),
2Mbps (Open Drain)
Bidirectional Level Translation
1.65V to 3.6V on A Port and 2.3V to 5.5V
on B Port (VCCA≤VCCB)
±15kV ESD Protection on B Port
No Power-Supply Sequencing Required
VCCA or VCCB can be Ramped First
DFN8,
QFN10,
CSP8
and
VSSOP8
Packages


Similar Part No. - UM3202Q

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202Q UNIONSEMI-UM3202Q Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3202Q

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com