Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3202 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3202
Description  2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3202 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3202_16 Datasheet HTML 2Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 3Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 4Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3202_16 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.10 May.2016
6/15
UM3202
Timing Requirements (Continued)
Over recommended operating free-air temperature range, VCCA=3.3V±0.3V (unless otherwise
noted)
VCCB=3.3V
±0.3V
VCCB=5V
±0.5V
Unit
Min
Max Min
Max
Data
Rate
Push-Pull Driving
24
24
Mbps
Open-Drain Driving
2
2
tw Pulse
Duration
Push-Pull Driving
Data Inputs
41
41
ns
Open-Drain Driving
500
500
Switching Characteristics
Over recommended operating free-air temperature range, VCCA=1.8V±0.15V (unless otherwise
noted)
Parameter
From
(Input)
To
(Output)
Test
Conditions
VCCB=2.5V
±0.2V
VCCB=3.3V
±0.3V
VCCB=5V
±0.5V
Unit
Min
Max Min
Max
Min
Max
tPHL
A
B
Push-Pull
4.6
4.7
5.8
ns
Open-Drain
2.9
8.8 2.9
9.6 3
10
tPLH
Push-Pull
6.8
6.8
7
Open-Drain
45
260 36
208 27
198
tPHL
B
A
Push-Pull
4.4
4.5
4.7
ns
Open-Drain
1.9
5.3
1.1
4.4 1.2
4
tPLH
Push-Pull
5.3
4.5
0.5
Open-Drain
45
175 36
140 27
102
ten
OE
A
200
200
200
ns
B
200
200
200
tdis
OE
A
50
40
35
ns
B
50
40
35
trA
A Port Rise Time
Push-Pull
3.2
9.5 2.3
9.3 2
7.6
ns
Open-Drain
38
165 30
132 22
95
trB
B Port Rise Time
Push-Pull
4
10.8 2.7
9.1 2.7
7.6
ns
Open-Drain
34
145 23
106 10
58
tfA
A Port Fall Time
Push-Pull
2
5.9 1.9
6 1.7
13.3
ns
Open-Drain
4.4
6.9 4.3
6.4 4.2
6.1
tfB
B Port Fall Time
Push-Pull
2.9
7.6 2.8
7.5 2.8
8.8
ns
Open-Drain
6.9
13.8 7.5
16.2 7
16.2
tSK(O)
Channel-to-Channel
1
1
1
ns
Max Data
Rate
Push-Pull
24
24
24
Mbps
Open-Drain
2
2
2


Similar Part No. - UM3202_16

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202H UNIONSEMI-UM3202H Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202Q UNIONSEMI-UM3202Q Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3202_16

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com