Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3088EESA Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM3088EESA
Description  ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3088EESA Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM3088EESA Datasheet HTML 4Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 5Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 6Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 7Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 8Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 9Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 10Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 11Page - Union Semiconductor, Inc. UM3088EESA Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Sep.2015
9/12
UM3085E/UM3088E
Applications Information
256 Transceivers on the Bus
The standard RS-485 receiver input impedance is 12kΩ (one unit load), and the standard driver
can drive up to 32 unit loads. The Union family of transceivers have a 1/8 unit load receiver input
impedance (96kΩ), allowing up to 256 transceivers to be connected in parallel on one
communication line. Any combination of these devices and/or other RS-485 transceivers with a
total of 32 unit loads or less can be connected to the line.
Reduced EMI and Reflections
The UM3085E is slew-rate limited, minimizing EMI and reducing reflections caused by
improperly terminated cables. In general, a transmitter’s rise time relates directly to the length of
an unterminated stub, which can be driven with only minor waveform reflections. The following
equation expresses this relationship conservatively:
Length=tRISE / (10×1.5ns/ft)
Where tRISE is the transmitter’s rise time.
A system can work well with longer unterminated stubs, even with severe reflections, if the
waveform settles out before the UART samples them.
Low-Power Shutdown Mode
Low-power shutdown mode is initiated by bringing both RE
______
high and DE low. In shutdown, the
device typically draws only 2nA of supply current. RE
______
and DE may be driven simultaneously;
the parts are guaranteed not to enter shutdown if RE
______
is high and DE is low for less than 50ns. If
the inputs are in this state for at least 600ns, the parts are guaranteed to enter shutdown. Enable
times tZH and tZL in the Switching Characteristics tables assume the part was not in a low-power
shutdown state. Enable times tZH(SHDN) and tZL(SHDN) assume the parts were shut down. It takes
drivers and receivers longer to become enabled from low-power shutdown mode (tZH(SHDN),
tZL(SHDN)) than from driver/receiver-disable mode (tZH, tZL).
Driver Output Protection
Two mechanisms prevent excessive output current and power dissipation caused by faults or by
bus contention. The first, a foldback current limit on the output stage, provides immediate
protection against short circuits over the whole common-mode voltage range. The second, a
thermal shutdown circuit, forces the driver outputs into a high-impedance state if the die
temperature becomes excessive.
Line Length vs. Data Rate
The RS-485/RS-422 standard covers line lengths up to 4000 feet. For line lengths greater than
4000 feet, repeater is required.
Typical Applications
The UM3085E, UM3088E transceivers are designed for bidirectional data communications on
multipoint bus transmission lines. To minimize reflections, the line should be terminated at both
ends in its characteristic impedance, and stub lengths off the main line should be kept as short as
possible.


Similar Part No. - UM3088EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3088EESA UNIONSEMI-UM3088EESA Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results

Similar Description - UM3088EESA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Union Semiconductor, In...
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
MAX3060E MAXIM-MAX3060E Datasheet
497Kb / 17P
   15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Rev 0; 7/02
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com