Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS70448PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70448PWP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70448PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS70448PWP Datasheet HTML 6Page - Texas Instruments TPS70448PWP Datasheet HTML 7Page - Texas Instruments TPS70448PWP Datasheet HTML 8Page - Texas Instruments TPS70448PWP Datasheet HTML 9Page - Texas Instruments TPS70448PWP Datasheet HTML 10Page - Texas Instruments TPS70448PWP Datasheet HTML 11Page - Texas Instruments TPS70448PWP Datasheet HTML 12Page - Texas Instruments TPS70448PWP Datasheet HTML 13Page - Texas Instruments TPS70448PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TPS70445, TPS70448, TPS70451, TPS70458, TPS70402
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS307B – SEPTEMBER 2000 – REVISED APRIL 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature (TJ = –40°C to 125°C)
VIN1orVIN2=VOUTX(nom)+1V,IO=1mA,EN=0,COUT1=22µF,COUT2=47µF(unlessotherwisenoted)
(continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN1/VIN2 terminal
UVLO threshold
2.4
2.65
V
UVLO hysteresis
110
mV
PG1/PG2 terminal
Minimum input voltage for valid PGx
I(PGx) = 300 µA,
V(PGx) ≤ 0.8 V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92%
95%
98%
VO
Hysteresis voltage
Measured at VO
0.5%
VO
tr(PGx)
Rising edge deglitch
30
µs
Output low voltage
VI = 2.7 V,
I(PGx) = 1 mA
0.15
0.4
V
Leakage current
V(PGx) = 6 V
1
µA
EN1/EN2 terminal
High-level ENx input voltage
2
V
Low-level ENx input voltage
0.7
V
Input current (ENx)
–1
1
µA
MR terminal
High-level input voltage
2
V
Low-level input voltage
0.7
V
Pullup current source
6
µA
VOUT1 terminal
Dropout voltage (see Note 4)
IO = 1 A, VIN1 = 3.2 V, TJ = 25°C
160
mV
Dropout voltage (see Note 4)
IO = 1 A, VIN1 = 3.2 V
250
mV
Peak output current
2 ms pulse width
1.2
A
Discharge transistor current
VOUT1 = 1.5 V
7.5
mA
VOUT2 terminal
Peak output current
2 ms pulse width
3
A
Discharge transistor current
VOUT2 = 1.5 V
7.5
mA
FB terminal
Input current – TPS70402
FB = 1.8 V
1
µA
NOTE 4: Input voltage(VIN1 or VIN2) = VO(Typ) – 100 mV. For the 1.5-V, 1.8-V and 2.5-V regulators, the dropout voltage is limited by input voltage
range. The 3.3 V regulator input voltage is set to 3.2 V to perform this test.


Similar Part No. - TPS70448PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70448PWP TI-TPS70448PWP Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70448PWPG4 TI-TPS70448PWPG4 Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70448PWPR TI-TPS70448PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70448PWPRG4 TI-TPS70448PWPRG4 Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70448PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com