Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2391 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2391
Description  SIMPLE-48-V HOT SWAP CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2391 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2391 Datasheet HTML 4Page - Texas Instruments TPS2391 Datasheet HTML 5Page - Texas Instruments TPS2391 Datasheet HTML 6Page - Texas Instruments TPS2391 Datasheet HTML 7Page - Texas Instruments TPS2391 Datasheet HTML 8Page - Texas Instruments TPS2391 Datasheet HTML 9Page - Texas Instruments TPS2391 Datasheet HTML 10Page - Texas Instruments TPS2391 Datasheet HTML 11Page - Texas Instruments TPS2391 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPS2390
TPS2391
SLUS471C – JUNE 2002 – REVISED OCTOBER 29, 2002
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 9
RECOVERY FROM A FAULT – EXPANDED VIEW
(TPS2391)
ILOAD (1 A/div)
VDRAIN (20 V/div)
FLTTIME (2 V/div.)
CIRAMP = 3900 pF
CFLT = 0.047 µF
CLOAD = 100 µF
FAULT (50 V/div)
t – TIme – 1 ms/div
Figure 10
SUPPLY CURRENT
vs
AMBIENT TEMPERATURE
–40
–15
10
35
60
85
0
200
400
600
800
1000
1200
TA – Ambient Temperature – °C
VRTN = 40 V
VRTN = 36 V
VRTN = 80 V
Figure 11
GATE HIGH-LEVEL OUTPUT
vs
AMBIENT TEMPERATURE
–40
–15
10
35
60
85
14.0
14.5
15.0
15.5
16.0
16.5
17.0
TA – Ambient Temperature – °C
VRTN = 80 V
VRTN = 48 V
VI(ISENS) = 0 V
VRTN = 36 V
Figure 12
IRAMP OUTPUT CURRENT
vs
AMBIENT TEMPERATURE, SLOW TURN-ON
–40
–15
10
35
60
85
–066
–0.62
–0.58
–0.54
–0.50
VRTN = 80 V
VRTN = 36 V
VRTN = 48 V
VO(IRAMP) = 0.25 V
TA – Ambient Temperature – °C


Similar Part No. - TPS2391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2391DGK TI-TPS2391DGK Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2391DGKG4 TI-TPS2391DGKG4 Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2391DGKRG4 TI-TPS2391DGKRG4 Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
More results

Similar Description - TPS2391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com