Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMK225S-48E Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PMK225S-48E
Description  225 Watt Enclosed Switching Power Supply with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK225S-48E Datasheet(HTML) 1 Page - Astrodyne Corporation

  PMK225S-48E Datasheet HTML 1Page - Astrodyne Corporation PMK225S-48E Datasheet HTML 2Page - Astrodyne Corporation PMK225S-48E Datasheet HTML 3Page - Astrodyne Corporation PMK225S-48E Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
225 Watt Enclosed Switching Power Supply with PFC
PMK225E series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
225 Watts Output Power
Single Output
Universal 90-264VAC Input
5VDC to 48VDC Outputs
4242VDC Input to Output Isolation
Active Power Factor Correction
Model Number
Output Voltage
Output Amps (max) Ripple & Noise max. (Note 1 & 4)
Efficiency
SINGLE OUTPUT
PMK225S-5E
5 VDC
40
100mV pk-pk
75%
PMK225S-12E
12 VDC
18.8
120mV pk-pk
79%
PMK225S-15E
15 VDC
15
150mV pk-pk
80%
PMK225S-24E
24 VDC
9.4
240mV pk-pk
80%
PMK225S-36E
36 VDC
6.25
360mV pk-pk
81%
PMK225S-48E
48 VDC
4.7
480mV pk-pk
81%
3.86”W x 7.01”L x 1.5”H
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - PMK225S-48E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMK225S-48U ASTRODYNE-PMK225S-48U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
More results

Similar Description - PMK225S-48E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK225E ASTRODYNE-PMMK225E Datasheet
449Kb / 4P
   Medical Grade 225 Watt Enclosed Power Supply with PFC
PMK150E ASTRODYNE-PMK150E Datasheet
527Kb / 4P
   150 Watt Enclosed Switching Power Supply with PFC
PMK150E ASTRODYNE-PMK150E_16 Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
PMK320E ASTRODYNE-PMK320E Datasheet
359Kb / 4P
   320 Watt Enclosed Switching Power Supply with PFC
PMK225U ASTRODYNE-PMK225U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMMK225U ASTRODYNE-PMMK225U Datasheet
499Kb / 4P
   Medical Grade 225 Watt U-Channel Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
PMK150U ASTRODYNE-PMK150U Datasheet
625Kb / 4P
   150 Watt U-Channel Switching Power Supply with PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com