Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMK225E Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PMK225E
Description  225 Watt Enclosed Switching Power Supply with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK225E Datasheet(HTML) 2 Page - Astrodyne Corporation

  PMK225E Datasheet HTML 1Page - Astrodyne Corporation PMK225E Datasheet HTML 2Page - Astrodyne Corporation PMK225E Datasheet HTML 3Page - Astrodyne Corporation PMK225E Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
225 Watt Enclosed Switching Power Supply with PFC
PMK225E series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC (100-240VAC Nom.)
Frequency Range
47-63 Hz
Power Factor Correction
0.95, min. Nom I/P, FL
Inrush Current, typ:
30A @ 115VAC Cold Start, FL*
60A @ 230VAC Cold Start, FL*
Input Current (LL/HL)
3.8 Amps max. / 1.3 Amps max.
Leakage Current
<3.5mA, 240Vin, 50Hz
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation (LL-HL)
±1%, max.
Load Regulation 10%-FL
±1%, max.
Preset Accuracy (Note 3)
±1%, typ (±2%, 5 Vout)
Ripple/Noise (Notes 1, & 4)
See Selection Chart
Over Voltage Protection
130% max. Auto Recovery *
Over Current Protection
228% max. Auto Recovery *
Short Circuit Protection
Auto Recover after fault
condition is removed *
Turn On Delay Time
<4S
Rise Time
<20mS, typ (Nom I/P, FL)
Hold Up Time
20mS, typ (Nom I/P, FL)
Over-Shoot/Under Shoot
<10% of Nominal Output
Remote Sense
Compensates for up to 0.5V drop
Remote Shutdown
Open Collector, Logic “1” = ON
“0” = Off. No Termination necessary
to maintain constant “On” operation
GENERAL SPECIFICATIONS
Isolation (Note 2)
I/P-O/P: 4242VDC
I/P-Ground: 2121VDC
O/P-Ground: 707VDC
Insulation Resistance
≥20MΩ
Efficiency (FL. Nom I/P)
See Selection Chart
Safety UL/cUL:
UL60950-1 2nd ed./
C22.2 60950-1 2nd ed.
UL-EU:
EN60950-1 2nd ed.
CE:
EN60601-1-2
CB:
IEC60950-1 2nd ed.
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +70°C (See Derate Curve)
Storage Temperature
-25 to +85°C *
Relative Humidity
10% to +90%, non-cond.*
Storage: 5-95%
EMS
Harmonics
Class D, 61000-3-2
Fluctuations
61000-3-3
ESD
61000-4-2
RS
61000-4-3
EFT
61000-4-4
Surge
61000-4-5
CS
61000-4-6
MS
61000-4-8
DIPS
61000-4-11
EMI
EN55022 Class B
MTBF Mil Std 217F, 25°C
79,000 Hrs, min.
Vibration
4G Peak, 50-500Hz, 3 Axes
Drop Test
70 CM
PHYSICAL SPECIFICATIONS
Size
3.86”W x 7.01”L x 1.5”H
Construction
Enclosed
Weight
1.54 lb, (700g)
NOTES
1. All measurements should be made directly at the terminals of the
power supply
2. Isolation for up to 1 minute duration.
3. Preset Accuracy measured at nominal load, 120VAC input.
4. O/P Noise measured directly at the pins/terminals at nominal load,
0.1uF ceramic bypass and 47uF electrolytic, pk-pk @ 20MHz
bandwidth.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.


Similar Part No. - PMK225E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMK225S-12U ASTRODYNE-PMK225S-12U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMK225S-15U ASTRODYNE-PMK225S-15U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMK225S-24U ASTRODYNE-PMK225S-24U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMK225S-36U ASTRODYNE-PMK225S-36U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMK225S-48U ASTRODYNE-PMK225S-48U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
More results

Similar Description - PMK225E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK225E ASTRODYNE-PMMK225E Datasheet
449Kb / 4P
   Medical Grade 225 Watt Enclosed Power Supply with PFC
PMK150E ASTRODYNE-PMK150E Datasheet
527Kb / 4P
   150 Watt Enclosed Switching Power Supply with PFC
PMK150E ASTRODYNE-PMK150E_16 Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
PMK320E ASTRODYNE-PMK320E Datasheet
359Kb / 4P
   320 Watt Enclosed Switching Power Supply with PFC
PMK225U ASTRODYNE-PMK225U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMMK225U ASTRODYNE-PMMK225U Datasheet
499Kb / 4P
   Medical Grade 225 Watt U-Channel Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
PMK150U ASTRODYNE-PMK150U Datasheet
625Kb / 4P
   150 Watt U-Channel Switching Power Supply with PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com