Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFM20-12 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # LFM20-12
Description  20W Ultraminiature Open Frame Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LFM20-12 Datasheet(HTML) 1 Page - Astrodyne Corporation

  LFM20-12 Datasheet HTML 1Page - Astrodyne Corporation LFM20-12 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20W Ultraminiature Open Frame Switching Power Supplies
LFM20 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal 90-264VAC Input
High Efficiency
Regulated Outputs
3000V Isolation
Single Outputs
UL60950 & EN60950 Approved
Optional 0.156” Spaced Connectors,
or PCB Mount Configuration
Model Number
Output Voltage
Output Amps(max)
Ripple pk-pk
Efficiency
0.156” SPACED CONNECTORS
LFM20-3.3
3.3 VDC
4.4A
50mV
70%
LFM20-5
5 VDC
4.4A
1%
73%
LFM20-9
9 VDC
2.45A
1%
77%
LFM20-12
12 VDC
1.8A
1%
80%
LFM20-15
15VDC
1.4A
1%
80%
LFM20-24
24VDC
0.92A
1%
82%
PCB MOUNT (Pins)
LFM20-3.3P
3.3 VDC
4.4A
50mV
70%
LFM20-5P
5 VDC
4.4A
1%
73%
LFM20-9P
9 VDC
2.45A
1%
77%
LFM20-12P
12 VDC
1.8A
1%
80%
LFM20-15P
15VDC
1.4A
1%
80%
LFM20-24P
24VDC
0.92A
1%
82%
2.0”W x 3.5”L x 0.80”H


Similar Part No. - LFM20-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LFM20-12 ASTRODYNE-LFM20-12 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
LFM20-12P ASTRODYNE-LFM20-12P Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - LFM20-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM20 ASTRODYNE-OFM20 Datasheet
565Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com