Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPP150 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LPP150
Description  150W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPP150 Datasheet(HTML) 2 Page - Astrodyne Corporation

  LPP150 Datasheet HTML 1Page - Astrodyne Corporation LPP150 Datasheet HTML 2Page - Astrodyne Corporation LPP150 Datasheet HTML 3Page - Astrodyne Corporation LPP150 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
150W Single Output with PFC Function
LPP150 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (Note 3)
90 ~ 264VAC 120~370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
40Amps / 230VAC
Input Current
2.5 Amps. @ 115VAC
1.2 Amps. @ 230VAC
Leakage current
< 3.5mAmps / 240VAC
Min Load
See Selection Chart
Power Factor @ FL
PF> 0.96 / 230VAC
0.98 / 115VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±0.5%
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
±2.0%: 3.3~15Volts(DC)
±1.0%: 24~48Volts(DC)
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
30mS
Setup, Rise Time @ FL
600ms, 30mS
Over Voltage Protection
3.63 ~ 4.45Volt(DC): 3.3Volts(DC)
5.5 ~ 6.75Volt(DC): 5Volts(DC)
8.25 ~ 10.1Volt(DC): 7.5Volts(DC)
13.2~ 16.2Volt(DC): 12Volts(DC)
14.85 ~ 18.2Volt(DC): 13.5Volts(DC)
16.5~ 20.25Volt(DC): 15Volts(DC)
26.4 ~ 32.4Volt(DC): 24Volts(DC)
29.7 ~ 36.5Volt(DC): 27Volts(DC)
52.8 ~ 64.8Volt(DC): 48Volts(DC)
Shut down o/p voltage,re-power
Over Current Protection
105 ~ 150% rated output power
Constant current limiting,auto recover
DC Volt Adjust
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022B (CISPR22B)
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
See Selection Chart
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2, 3, 4, 5, 6, 8, 11;
ENV50204, light Industry Level, CriteriaA
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C with cooling FAN
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH non cond
Temperature Coefficient
±0.05% / °C (0-50°C)
MTBF
191.8KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
222 x 75 x 41
Inches
8.74” x 2.95 ” x 1.61 ”
Weight
21.87 oz (620g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - LPP150

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
LPP100-12 ASTRODYNE-LPP100-12 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
LPP100-13.5 ASTRODYNE-LPP100-13.5 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
LPP100-15 ASTRODYNE-LPP100-15 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
LPP100-24 ASTRODYNE-LPP100-24 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
More results

Similar Description - LPP150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
   150W SINGLE OUTPUT WITH PFC FUNCTION
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
   150W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com