Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB054E096T40P200 Datasheet(PDF) 4 Page - Vicor Corporation

Part # IB054E096T40P200
Description  5:1 Intermediate Bus Converter Module: Up to 300 W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054E096T40P200 Datasheet(HTML) 4 Page - Vicor Corporation

  IB054E096T40P200 Datasheet HTML 1Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 2Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 3Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 4Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 5Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 6Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 7Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 8Page - Vicor Corporation IB054E096T40P200 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IBC MODULE
Rev 1.1
vicorpower.com
Page 4 of 16
03/2014
800 927.9474
IB0xxE096T40xx-xx
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
COMMON INPUT SPECIFICATIONS CONT.
Output voltage rise time
From 10% to 90% V
OUT, 10% load,
50
µs
0 load capacitance
Restart turn-on delay
See page 12 for restart after EN pin disable
250
ms
No Load power dissipation
Enabled
2.1
2.5
W
Disabled
0.12
0.15
W
Input current
Low line, full load
8.0
A
Inrush current overshoot
Using test circuit in Figure 22, 15% load, high line
8.0
A
Input reflected ripple current
At max power;
300
mArms
Using test circuit in Figure 23; see Fig 6
Peak short circuit input current
40
A
Repetitive short circuit peak current
25
A
Internal input capacitance
8.8
μF
Internal input inductance
5
nH
Recommended external
200 nH maximum source inductance
47
470
μF
input capacitance
OUTPUT
Output power [a]
0
300
W
Output current
P
≤ 300 W
40
A
Output start up load
of Iout max, maximum output capacitance
15
%
Effective output resistance
5.2
m
Ω
Line regulation (K factor)
VOUT = K • VIN @ no load
0.198
0.200
0.2020
Current share accuracy
Full power operation; See Parallel Operation
10
%
on page 13; up to 3 units
Efficiency
50% load
See Figure 1
97.2
97.7
%
Full load
See Figure 1
96.8
97.0
%
Internal output inductance
1.6
nH
Internal output capacitance
55
μF
Load capacitance
0
3000
μF
Output voltage ripple
20 MHz bandwidth (Figure 17),
60
150
mVp-p
using test circuit in Figure 24
Of Iout max., will not shutdown when started
Output Overload protection threshold
into max Cout; and 15% load
105
150
%
Auto restart with duty cycle <10%
Over current protection time constant
0.8
ms
Short circuit current response time
1.5
µs
Switching frequency
1.0
MHz
Dyanmic response - Load
Load change: +/- 25% of IOUT Max,
Vo overshoot/undershoot
Slew rate (di/dt) = 1 A/µs.
100
mV
Vo response time
See Figures: 12-15
1
µs
Dyanmic response - Line
Line step of 5 V in 1 µs, within VIN operating
range. (CIN = 500 uF, CO = 350 uF)
Vo overshoot
(Figure 16 illustrates similar converter response
1.25
V
when subjected to a more severe line transient.)
Electrical Characteristics (Continued)
SPECIFICATIONS (CONT.)
All specifications valid at 48 VIN , 100% rated load and 25°C ambient, unless otherwise indicated.
[a] Does not exceed IPC-9592 derating guidelines. At 70°C ambient, full power operation may exceed IPC-9592 guidelines, but does not exceed
component ratings, does not activate OTP and does not compromise reliability.


Similar Part No. - IB054E096T40P200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40P2-00 VICOR-IB054E096T40P2-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
More results

Similar Description - IB054E096T40P200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00_14 Datasheet
2Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com