Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB050E120T32N100 Datasheet(PDF) 6 Page - Vicor Corporation

Part # IB050E120T32N100
Description  4:1 Intermediate Bus Converter Module: Up to 300 W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050E120T32N100 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button IB050E120T32N100 Datasheet HTML 2Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 3Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 4Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 5Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 6Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 7Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 8Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 9Page - Vicor Corporation IB050E120T32N100 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IB0xxE120T32xx-xx
IBC MODULE
Rev 1.0
vicorpower.com
Page 6 of 16
03/2015
800 927.9474
Test Description
Test Detail
Quantity Tested
Low Temp
3
High Temp
3
Rapid Thermal Cycling
3
5.2.3 HALT (Highly Accelerated Life testing)
6 DOF Random Vibration Test
3
Input Voltage Test
3
Output Load Test
3
Combined Stresses Test
3
5.2.4 THB (Temp. Humidity Bias)
(72 hr presoak required) 1000 hrs – Continuous Bias
30
Power cycle - On 42 minutes
5.2.5 HTOB (High Temp. Operating Bias)
Off 1 minute, On 1 minute, Off 1 minute, On 1 minute, Off 1 minute,
30
On 1 minute, Off 1 minute, On 1 minute, Off 10 minutes. Alternating
between maximum and minimum operating Voltage every hour.
5.2.6 TC (Temp. Cycling)
700 cycles , 30 minute dwell at each extreme – 20C minimum ramp rate.
30
5.2.7 Power Cycling
Reference IPC-9592A
3
Random Vibration – Operating IEC 60068-2-64 (normal operation vibration)
3
Random Vibration Non-operating (transportation) IEC 60068-2-64
3
5.2.8 – 5.2.13 Shock and Vibration
Shock Operating - normal operation shock IEC 60068-2-27
3
Free fall - IEC 60068-2-32
3
Drop Test 1 full shipping container (box)
12
5.2.14.1 Corrosion Resistance – Not required
N/A
5.2.14 Other Environmental Tests
5.2.14.2 Dust Resistance – Unpotted class II GR-1274-CORE
3
5.2.14.3 SMT Attachment Reliability IPC-9701 - J-STD-002
3
5.2.14.4 Through Hole solderability – J-STD-002
5
ESD Classification Testing
Sample size assumes CDM testing
12
Total Quantity (est.)
161
Environmental Qualification
IPC-9592A, Based on Class II Category 2 the following detail is applicable. – Pre-conditioning required
SPECIFICATIONS (CONT.)


Similar Part No. - IB050E120T32N100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
More results

Similar Description - IB050E120T32N100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com