Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1040U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TJA1040U
Description  High speed CAN transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1040U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TJA1040U Datasheet HTML 3Page - NXP Semiconductors TJA1040U Datasheet HTML 4Page - NXP Semiconductors TJA1040U Datasheet HTML 5Page - NXP Semiconductors TJA1040U Datasheet HTML 6Page - NXP Semiconductors TJA1040U Datasheet HTML 7Page - NXP Semiconductors TJA1040U Datasheet HTML 8Page - NXP Semiconductors TJA1040U Datasheet HTML 9Page - NXP Semiconductors TJA1040U Datasheet HTML 10Page - NXP Semiconductors TJA1040U Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
2003 Oct 14
7
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1040
Note
1. All parameters are guaranteed over the virtual junction temperature range by design, but only 100% tested at 125
°C
ambient temperature for dies on wafer level, and in addition to this 100% tested at 25
°C ambient temperature for
cased products; unless specified otherwise. For bare dies, all parameters are only guaranteed with the backside of
the die connected to ground.
VO(reces)
recessive output voltage
normal mode; VTXD =VCC;
no load
2
0.5VCC
3V
standby mode; no load
−0.1
0
+0.1
V
IO(sc)
short-circuit output current
VTXD =0V
pin CANH; VCANH =0V
−40
−70
−95
mA
pin CANL; VCANL = 40 V 40
70
100
mA
IO(reces)
recessive output current
−27V<VCAN < +32 V
−2.5
+2.5
mA
Vdif(th)
differential receiver threshold
voltage
−12V<VCANL < +12 V;
−12V<VCANH < +12 V
normal mode (see Fig.6) 0.5
0.7
0.9
V
standby mode
0.4
0.7
1.15
V
Vhys(dif)
differential receiver hysteresis
voltage
normal mode;
−12V<VCANL < +12 V;
−12V<VCANH < +12 V
50
70
100
mV
ILI
input leakage current
VCC =0V;
VCANH =VCANL =5V
−50
+5
µA
Ri(cm)
common-mode input
resistance
standby or normal mode
15
25
35
k
Ri(cm)(m)
common-mode input
resistance matching
VCANH =VCANL
−3
0
+3
%
Ri(dif)
differential input resistance
standby or normal mode
25
50
75
k
Ci(cm)
common-mode input
capacitance
VTXD =VCC; not tested
−−
20
pF
Ci(dif)
differential input capacitance
VTXD =VCC; not tested
−−
10
pF
Timing characteristics; see Fig.8
td(TXD-BUSon)
delay TXD to bus active
normal mode
25
70
110
ns
td(TXD-BUSoff)
delay TXD to bus inactive
10
50
95
ns
td(BUSon-RXD)
delay bus active to RXD
15
65
115
ns
td(BUSoff-RXD)
delay bus inactive to RXD
35
100
160
ns
tPD(TXD-RXD)
propagation delay TXD to RXD VSTB =0V
40
255
ns
tdom(TXD)
TXD dominant time-out
VTXD = 0 V
300
600
1000
µs
tBUS
dominant time for wake-up via
bus
standby mode
0.75
1.75
5
µs
td(stb-norm)
delay standby mode to normal
mode
normal mode
5
7.5
10
µs
Thermal shutdown
Tj(sd)
shutdown junction temperature
155
165
180
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TJA1040U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1040U NXP-TJA1040U Datasheet
85Kb / 17P
   High speed CAN transceiver
2003 Oct 14
More results

Similar Description - TJA1040U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com