Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0760151605 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0760151605
Description  GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0760151605 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0760151605 Datasheet HTML 1Page - Molex Electronics Ltd. 0760151605 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0760151605
Status:
Active
Overview:
GbX I-Trac™ Backplane Connector System
Description:
GbX I-Trac™ Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided, Open
Ends, 7 Rows, 6 Columns, 84 Circuits, Staggered Mating Pin Length 4.70mm &
5.70mm, Lead-Free
Documents:
3D Model
Packaging Specification PK-70873-802 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75710-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76015
Application
Backplane, Midplane, Orthogonal
Component Type
PCB Header
Overview
GbX I-Trac™ Backplane Connector System
Product Name
GbX I-Trac™
UPC
883906020552
Physical
Circuits (Loaded)
84
Circuits (maximum)
84
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
Yes
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
3.030/g
Number of Columns
6
Number of Pairs
4, Open Pin Field
Number of Rows
7
Orientation
Vertical
PC Tail Length
2.05mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
1.85mm, 3.70mm
Pitch - Termination Interface
1.00mm, 2.70mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
76015 Series
Mates With
76020 GbX I-Trac™ Right Angle Receptacle
Module
Use With
78227 GbX I-Trac™ Vertical Power
Receptacle. 75234 Backplane Free Standing
Guide Pin
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #


Similar Part No. - 0760151605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760151605 MOLEX1-0760151605_17 Datasheet
39Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
More results

Similar Description - 0760151605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757051822 MOLEX11-0757051822 Datasheet
40Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0757051525 MOLEX11-0757051525 Datasheet
33Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0757051803 MOLEX11-0757051803 Datasheet
40Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760151612 MOLEX11-0760151612 Datasheet
32Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760151623 MOLEX11-0760151623 Datasheet
33Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760151102 MOLEX11-0760151102 Datasheet
40Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760151103 MOLEX11-0760151103 Datasheet
40Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760151403 MOLEX11-0760151403 Datasheet
40Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760151414 MOLEX11-0760151414 Datasheet
32Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760351815 MOLEX11-0760351815 Datasheet
31Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
0760351834 MOLEX11-0760351834 Datasheet
31Kb / 2P
   GbX I-Trac Vertical Header Module, 1.85mm by 3.70mm Pitch, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com