Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7813ACC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TH7813ACC
Description  50 MHz 1024/2048 Linear CCDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7813ACC Datasheet(HTML) 5 Page - ATMEL Corporation

  TH7813ACC Datasheet HTML 1Page - ATMEL Corporation TH7813ACC Datasheet HTML 2Page - ATMEL Corporation TH7813ACC Datasheet HTML 3Page - ATMEL Corporation TH7813ACC Datasheet HTML 4Page - ATMEL Corporation TH7813ACC Datasheet HTML 5Page - ATMEL Corporation TH7813ACC Datasheet HTML 6Page - ATMEL Corporation TH7813ACC Datasheet HTML 7Page - ATMEL Corporation TH7813ACC Datasheet HTML 8Page - ATMEL Corporation TH7813ACC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
TH7813A/TH7814A
1990A–IMAGE–05/02
Figure 5. Pixel Readout Timing Diagram
Exposure Time
Reduction
The antiblooming structure of the TH7813A and TH7814A provides an electronic shutter
capability by clocking phase fA during the line period. The timing diagram is described
below:
Note:
Clock capacitance: TH7813A = 50 pF, TH7814A = 100 pF
L1
L2
R
10%
90%
90%
10%
tr
tf
Tpixel
0 ns
10 ns
50%
Video signal
Reset Feedthrough
Offset in darkness
VIDEO OUTPUTS
±
floating diode level
Duty cycle: 50%
± 10%
Crossover at 50%
± 10%
Rise and fall time
10 ns
Rise and fall time
8 ns
Video outputs are synchronous
Video signal occurs on
L2 falling edge
First useful pixel occurs on 5th
falling edge of
L2 after
P
Antiblooming Gate
ΦA
Min
Typ
Max
Unit
Clock Capacitance (see note)
High Level
8.5
9
9.5
V
Low Level Sets Saturation Level
Low Level
2
4
7
V
See Pixel Saturation Adjustment
Pulse Min.
200
ns


Similar Part No. - TH7813ACC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7815ACC ATMEL-TH7815ACC Datasheet
220Kb / 9P
   50 MHz 4096 Linear CCDs
More results

Similar Description - TH7813ACC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7815ACC ATMEL-TH7815ACC Datasheet
220Kb / 9P
   50 MHz 4096 Linear CCDs
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
NEC
UPD3575 NEC-UPD3575 Datasheet
228Kb / 9P
   1024 BIT LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
   1024-Element Linear Image Sensor
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
   2048-BIT CCD LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
CCD143A ETC2-CCD143A Datasheet
844Kb / 12P
   2048-Element High Speed Linear Image Sensor
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com