Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDI609SIA Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDI609SIA
Description  9A Peak Source/Sink Drive Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI609SIA Datasheet(HTML) 1 Page - IXYS Corporation

  IXDI609SIA Datasheet HTML 1Page - IXYS Corporation IXDI609SIA Datasheet HTML 2Page - IXYS Corporation IXDI609SIA Datasheet HTML 3Page - IXYS Corporation IXDI609SIA Datasheet HTML 4Page - IXYS Corporation IXDI609SIA Datasheet HTML 5Page - IXYS Corporation IXDI609SIA Datasheet HTML 6Page - IXYS Corporation IXDI609SIA Datasheet HTML 7Page - IXYS Corporation IXDI609SIA Datasheet HTML 8Page - IXYS Corporation IXDI609SIA Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IXD_609-R06
www.ixysic.com
1
Features
9A Peak Source/Sink Drive Current
Wide Operating Voltage Range: 4.5V to 35V
-40°C to +125°C Extended Operating Temperature
Range
Logic Input Withstands Negative Swing of up to 5V
Matched Rise and Fall Times
Low Propagation Delay Time
Low, 10
A Supply Current
Low Output Impedance
Applications
Efficient Power MOSFET and IGBT Switching
Switch Mode Power Supplies
Motor Controls
DC to DC Converters
Class-D Switching Amplifiers
Pulse Transformer Driver
Description
The IXDD609/IXDI609/IXDN609 high-speed gate
drivers are especially well suited for driving the latest
IXYS MOSFETs and IGBTs. The IXD_609
high-current output can source and sink 9A of peak
current while producing voltage rise and fall times of
less than 25ns. The input is CMOS compatible, and is
virtually immune to latch up. Proprietary circuitry
eliminates cross-conduction and current
“shoot-through.” Low propagation delay and fast,
matched rise and fall times make the IXD_609 family
ideal for high-frequency and high-power applications.
The IXDD609 is configured as a non-inverting driver
with an enable, the IXDN609 is configured as a
non-inverting driver, and the IXDI609 is configured as
an inverting driver.
The IXD_609 family is available in a standard 8-pin
DIP (PI); an 8-pin SOIC (SIA); an 8-pin Power SOIC
with an exposed metal back (SI); an 8-pin DFN (D2); a
5-pin TO-263 (YI); and a 5-pin TO-220 (CI).
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDD609D2TR
8-Pin DFN
Tape & Reel
2000
IXDD609SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDD609SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDD609SIA
8-Pin SOIC
Tube
100
IXDD609SIATR
8-Pin SOIC
Tape & Reel
2000
IXDD609PI
8-Pin DIP
Tube
50
IXDD609CI
5-Pin TO-220
Tube
50
IXDD609YI
5-Pin TO-263
Tube
50
IXDI609SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI609SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI609SIA
8-Pin SOIC
Tube
100
IXDI609SIATR
8-Pin SOIC
Tape & Reel
2000
IXDI609PI
8-Pin DIP
Tube
50
IXDI609CI
5-Pin TO-220
Tube
50
IXDI609YI
5-Pin TO-263
Tube
50
IXDN609SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN609SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN609SIA
8-Pin SOIC
Tube
100
IXDN609SIATR
8-Pin SOIC
Tape & Reel
2000
IXDN609PI
8-Pin DIP
Tube
50
IXDN609CI
5-Pin TO-220
Tube
50
IXDN609YI
5-Pin TO-263
Tube
50
IN
EN
OUT
IN
OUT
IN
OUT
IXD_609
9-Ampere Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXDI609SIA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDI609SIA CLARE-IXDI609SIA Datasheet
1Mb / 14P
   9-Ampere Low-Side Ultrafast MOSFET Drivers
IXDI609SIATR CLARE-IXDI609SIATR Datasheet
1Mb / 14P
   9-Ampere Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDI609SIA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
IXD_602 IXYS-IXD_602 Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXD_614 IXYS-IXD_614 Datasheet
310Kb / 14P
   14A Peak Source/Sink Drive Current
IXD_630 IXYS-IXD_630 Datasheet
271Kb / 12P
   30A Peak Source/Sink Drive Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
   Up to 8 Amp Peak Source and Sink Current
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com